Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA1224YD-20W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRA1224YD-20W
Description  20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA1224YD-20W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRA1224YD-20W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA1224YD-20W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA1224YD-20W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WR
WRA-
A-YD-
YD-2
20W
0W&
&WRB
WRB--YD-
YD-2
20W
0W Series(2.16)
Series(2.16)
2
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output voltage accuracy
Refer to recommended circuit
±1
±3
%
Over load protection
Input voltage range
120
130
150
%
Output Short Circuit
Input voltage range
Hiccup,automatics recovery
Load regulation
From 10% to 100% load
±0.5
±1
%
Trim
±10%Vo
VDC
Temperature drift (Vout)
0.02
%/℃
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Ripple&Noise
Tested under 20MHz brand
50
75
150
mV
Transient recovery time
25% load change
200
300
us
Transient peak deviation
±2
±3
±5
%
Over voltage protection
3.3V
3.63
4.29
VDC
5V
5.5
6.5
VDC
12V
13.2
15.6
VDC
15V
16.5
19.5
VDC
24V
26.4
31.2
VDC
Note:
1. All specifications are measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. The CTRL control pin voltage is referenced to GND.
3. Typical efficiency value at nominal input voltage and full load.
4. Capacitor MAX load tested at nominal input voltage and constant resistive load.
5. Refer to the diagram of Output Voltage trim up/down for trim applications.
6. The products cannot be used in parallel and in plug and play.
Case material
DERATING
DERATING
EFFICIENCY
EFFICIENCY CURVE
CURVE
Requirement on output load
In order to ensure the product operate efficiently and reliably,in addition to a
max load(namely full load), a minimum load is specified for this kind of
DC/DC converter.Make sure the specified range of input voltage is not
exceeded,the minimum output load no less than 10% load.If the actual
load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly.If the actual
output power is very small,please add an appropriate resistor as extra
loading,or contact our company for other lower output power products.
Curve of Efficiency VS input Voltage WRB2424YD-20W
No parallel connection or plug and play
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
Output Graph
In order to obtain better performance for the DC/DC
models.it’s recommended that use input and output
filters as Fig.1 shown.
L:12uH
C:100uF/100V
OUTPUT
OUTPUT VOLTAGE
VOLTAGE TRIM
TRIM
Output Graph
Curve of Efficiency VS output load WRB2424YD-20W


Similar Part No. - WRA1224YD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA1224YD-4W MICRODC-WRA1224YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA1224YD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URA2405YMD-20WR3 MORNSUN-URA2405YMD-20WR3 Datasheet
1Mb / 5P
   20W, Ultra wide input isolated & regulated dual output , DIP packaging, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
   15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
   10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com