Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP5179 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSP5179
Description  High Frequency Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSP5179 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSP5179 Datasheet HTML 1Page - Fairchild Semiconductor KSP5179 Datasheet HTML 2Page - Fairchild Semiconductor KSP5179 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current
50
mA
PC
Collector Power Dissipation (Ta=25°C)
200
mW
Derate above 25
°C1.6
mW/
°C
PC
Collector Power Dissipation (TC=25°C)
300
mW
Derate above 25
°C2.4
mW/
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO (sus)
Collector-Emitter Sustaining Voltage
IC=3mA, IB=0
12
V
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
20
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
2.5
V
ICBO
Collector Cut-off Current
VCB=15V, IE=0
VCB=15V, IE=0, Ta=150°C
0.02
1
µA
µA
hFE
DC Current Gain
VCB=1V, IC=3mA
25
250
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=1mA
0.4
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=10mA, IB=1mA
1
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=5mA
900
2000
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=0.1 to1 MHz
1
pF
hfe
Small Signal Current Gain
VCE=6V, IC=2mA, f=1KHz
25
300
Cc ⋅ rbb’
Collector Base Time Constant
VCE=6V, IE=2mA, f=31.9MHz
3
14
ps
NF
Noise Figure
VCE=6V, IC=1.5mA, f=200MHz
RS=50Ω
4.5
dB
KSP5179
High Frequency Transistor
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSP5179

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSP5 ETC1-KSP5 Datasheet
133Kb / 2P
   KS SERIES KEY SWITCHES
logo
Fairchild Semiconductor
KSP55 FAIRCHILD-KSP55 Datasheet
36Kb / 4P
   Amplifier Transistor
KSP56 FAIRCHILD-KSP56 Datasheet
36Kb / 4P
   Amplifier Transistor
More results

Similar Description - KSP5179

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2031M16 CEL-NESG2031M16 Datasheet
230Kb / 3P
   HIGH FREQUENCY TRANSISTOR
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
   High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
   High-Frequency Amplifier Transistor
logo
Motorola, Inc
MXR5583 MOTOROLA-MXR5583 Datasheet
32Kb / 1P
   HIGH FREQUENCY RF TRANSISTOR
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
   High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com