Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-59E4APZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-59E4APZ
Description  Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet with LC connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-59E4APZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-59E4APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-59E4APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
• Multisourced 2 x 5 package style
• Operateswith62.5/125µmand50/125µmmultimode
fiber
• Single +3.3 V power supply
• Wave solder and aqueous wash process compatibil-
ity
• Manufactured in an ISO 9001 certified facility
• Compatiblewiththeopticalperformancerequirements
of 100Base-FX version of IEEE 802.3u
• RoHS compliant
• LVPECL Signal Detect Output
• Temperature range: -40 °C to +85 °C
Application
• Fast Ethernet
Description
The AFBR-59E4APZ is a new power saving Small Form
Factor transceiver that gives the system designer
a product to implement a range of solutions for
multimode fiber Fast Ethernet.
This transceiver is supplied in the industry standard 2 x
5 DIP style with an LC fiber connector interface.
Transmitter
The transmitter section of the AFBR-59E4APZ transceiv-
er utilizes a 1310 nm LED. This LED is packaged in the
optical subassembly portion of the transmitter section.
It is driven by an integrated circuit that converts differ-
ential LVPECL logical signals into an analog LED drive
current.
Receiver
The receiver utilizes an InGaAs PIN photodiode coupled
to a trans-impedance pre-amplifier IC. It is packaged in
the optical subassembly of the receiver. The PIN/pre-
amplifier combination is connected to a quantizer IC,
which provides the final pulse shaping for data output.
The data output is differential LVPECL. The Signal Detect
output is single-ended. Both Data and Signal Detect
outputs are LVPECL compatible.
AFBR-59E4APZ
Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet
with LC connector
Data Sheet


Similar Part No. - AFBR-59E4APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59E4APZ-HT AVAGO-AFBR-59E4APZ-HT Datasheet
496Kb / 11P
   Wave solder and aqueous wash process compatibility
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
AFBR-59E4APZC BOARDCOM-AFBR-59E4APZC Datasheet
860Kb / 11P
   Multimode Small-Form Factor (SFF) Transceiver for Fast Ethernet, with LC Connector and Conformal Coating
More results

Similar Description - AFBR-59E4APZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
AFBR-59E4APZC BOARDCOM-AFBR-59E4APZC Datasheet
860Kb / 11P
   Multimode Small-Form Factor (SFF) Transceiver for Fast Ethernet, with LC Connector and Conformal Coating
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Broadcom Corporation.
AFBR-57E6APZC BOARDCOM-AFBR-57E6APZC Datasheet
787Kb / 21P
   Multimode Small Form Factor Pluggable Transceivers with LC Connector and Conformal Coating, DMI for FDDI and Fast Ethernet
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
logo
Infineon Technologies A...
V23818-H308-L57 INFINEON-V23818-H308-L57 Datasheet
365Kb / 14P
   Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC??Connector
2002-03-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com