Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7687709681 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7687709681
Description  WE-PDHV SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7687709681 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7687709681 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7687709681 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7687709681 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7687709681 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7687709681 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7687709681 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.0
REV
2013-05-02
DATE
SSt
BY
ALa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PDHV SMD Power Inductor
Order.- No.
7687709681
SIZE
A4
Size: 1210
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 250 mV
ΔT = 40K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
680
0.80
1.2
1.15
0.95
1.5
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±20%
max.
typ.
max.
typ.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
•400 VDC surge proof according WE-STD 1516
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7687709681

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7687709682 WURTH-7687709682 Datasheet
648Kb / 6P
   WE-PD HV SMT Power Inductor (High Voltage)
001.001
More results

Similar Description - 7687709681

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7687709152 WURTH-7687709152 Datasheet
927Kb / 6P
   WE-PDHV SMD Power Inductor
7687709222 WURTH-7687709222 Datasheet
920Kb / 6P
   WE-PDHV SMD Power Inductor
7687714102 WURTH-7687714102 Datasheet
891Kb / 6P
   WE-PDHV SMD Power Inductor
7687779102 WURTH-7687779102 Datasheet
873Kb / 6P
   WE-PDHV SMD Power Inductor
7687714471 WURTH-7687714471 Datasheet
898Kb / 6P
   WE-PDHV SMD Power Inductor
7687714221 WURTH-7687714221 Datasheet
890Kb / 6P
   WE-PDHV SMD Power Inductor
7687779471 WURTH-7687779471 Datasheet
881Kb / 6P
   WE-PDHV SMD Power Inductor
7687779681 WURTH-7687779681 Datasheet
878Kb / 6P
   WE-PDHV SMD Power Inductor
7687714681 WURTH-7687714681 Datasheet
893Kb / 6P
   WE-PDHV SMD Power Inductor
7687709102 WURTH-7687709102 Datasheet
923Kb / 6P
   WE-PDHV SMD Power Inductor
7687709332 WURTH-7687709332 Datasheet
930Kb / 6P
   WE-PDHV SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com