Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6487 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N6487, 2N6488, (NPN) 2N6490, 2N6491 (PNP)
http://onsemi.com
2
80
40
20
0
20
40
80
100
120
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
60
TA
TC
4.0
2.0
1.0
3.0
0
60
140
TA
TC
0
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 200 mAdc, IB = 0)
2N6487, 2N6490
2N6488, 2N6491
VCEO(sus)
60
80
Vdc
Collector−Emitter Sustaining Voltage (Note)
(IC = 200 mAdc, VBE = 1.5 Vdc)
2N6487, 2N6490
2N6488, 2N6491
VCEX
70
90
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
2N6487, 2N6490
(VCE = 40 Vdc, IB = 0)
2N6488, 2N6491
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 65 Vdc, VEB(off) = 1.5 Vdc)
2N6487, 2N6490
(VCE = 85 Vdc, VEB(off) = 1.5 Vdc)
2N6488, 2N6491
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6487, 2N6490
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6488, 2N6491
ICEX
500
500
5.0
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
150
Collector−Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 0.5 Adc)
(IC = 15 Adc, IB = 5.0 Adc)
VCE(sat)
1.3
3.5
Vdc
Base−Emitter On Voltage
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
VBE(on)
1.3
3.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 1.0 Adc, VCE = 4.0 Vdc, ftest = 1.0 MHz)
fT
5.0
MHz
Small−Signal Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
25
2. Indicates JEDEC Registered Data.
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
4. fT = |hfe| • ftest


Similar Part No. - 2N6487

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6487 MOSPEC-2N6487 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
logo
New Jersey Semi-Conduct...
2N6487 NJSEMI-2N6487 Datasheet
103Kb / 1P
   SI NPN POWER BJT
logo
ON Semiconductor
2N6487 ONSEMI-2N6487 Datasheet
151Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Savantic, Inc.
2N6487 SAVANTIC-2N6487 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
2N6487 STMICROELECTRONICS-2N6487 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N6487

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com