Electronic Components Datasheet Search |
|
LP-597808-355 Datasheet(PDF) 6 Page - Amphenol Corporation |
|
LP-597808-355 Datasheet(HTML) 6 Page - Amphenol Corporation |
6 / 54 page 4 Tri-Start test data TRI-START, SERIES III TYPICAL SHIELDING EFFECTIVENESS TEST DATA EMI/EMP SHIELDING EFFFECTIVENESS dB TESTING BY TRIAXIAL METHOD TRI-START, SERIES III TYPICAL SHIELDING EFFECTIVENESS TEST DATA EMI/EMP SHIELDING EFFFECTIVENESS dB TESTING BY MODE STIRRING METHOD Test data beyond 2GHz is subject to equipment variation. * Dependant on shell finish NOTE: for test data information on the new Clutch-Lok Tri-Start, high vibration connectors, consult Amphenol Aerospace. Amphenol® Tri-Start connectors provide EMI/EMP shielding capability which exceeds MIL-DTL-38999 Series III requirements. The TV and CTV Series III connector with standard solid metal to metal coupling, EMI grounding fingers and conductive finishes has proven to be the ultimate in EMI/EMP shielding effectiveness. The charts il- lustrate shielding effectiveness data which is typical of Tri-Start connectors tested with the nickel finish (Class F-metal, Class M-composite) over a wide fre- quency range. The vibration capability of the Tri-Start Series is shown in the chart below. This illustrates the most severe vibration envelope of any qualified connec- tor available today. These capabilities along with a 200°C temperature rating and superior moisture sealing protection pro- vide the user with a connector that can withstand the most rigorous application. TRI-START VIBRATION CRITERIA 140 120 100 80 60 40 20 0 100 200 300 400 500 600 700 800 NICKEL CLASS F, CLASS M TYPICAL SHIELD EFFECTIVENESS DATA FREQUENCY MEGAHERTZ NICKEL CLASS F, CLASS M MIL-DTL-38999 REQUIREMENTS 140 120 100 80 60 40 20 0 1 2 34 5 NICKEL CLASS F, CLASS M TYPICAL SHIELD EFFECTIVENESS DATA NICKEL CLASS F, CLASS M MIL-DTL-38999 REQUIREMENTS 6 7 8 9 10 FREQUENCY GIGAHERTZ 5 50 500 5000 .0001 .001 .01 .1 1. 10. 10in/sec .06 in DA. 3 axes @ – 55 C ambient + 200 C* 60 G's (Fail Safe: 3 axes @ ambient 30 G's) 2 axes @ 200 C * (Fail Safe: 2 axes @ ambient) 2 axes @ ambient 6dB/octave HERTZ DOUBLE AMPLITUDE (IN) SINE VIBRATION POWER SPECTRAL DENSITY (G 2/HZ) RANDOM VIBRATION ˚ ˚ ˚ |
Similar Part No. - LP-597808-355 |
|
Similar Description - LP-597808-355 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |