Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD-6005-P Datasheet(PDF) 11 Page - Amphenol Corporation

Part # LMD-6005-P
Description  LMD and LMS Modular Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LMD-6005-P Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button LMD-6005-P Datasheet HTML 4Page - Amphenol Corporation LMD-6005-P Datasheet HTML 5Page - Amphenol Corporation LMD-6005-P Datasheet HTML 6Page - Amphenol Corporation LMD-6005-P Datasheet HTML 7Page - Amphenol Corporation LMD-6005-P Datasheet HTML 8Page - Amphenol Corporation LMD-6005-P Datasheet HTML 9Page - Amphenol Corporation LMD-6005-P Datasheet HTML 10Page - Amphenol Corporation LMD-6005-P Datasheet HTML 11Page - Amphenol Corporation LMD-6005-P Datasheet HTML 12Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
109
Amphenol
Aerospace
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
LMD Assembly Instructions
MODULE INSERTION/REMOVAL & USE OF STRAIN RELIEF
Pin or socket modules, wired or unwired, can be inserted or intermixed in plug
or receptacle housings. Select from standard module configurations shown on
pages 103 & 104, or select the optional bussing, diode or relay modules
offered, shown on pages 105 & 106. The next instructions illustrate the proper
method of insertion and removal of modules within the LMD connector.
Align the module with the proper
cavity at the rear of the housing. The
module keyway must be positioned
to accept key in housing cavity.
Carefully insert the module straight in
to the cavity until fully seated and
locked in place. A slight axial push on
the front of the module or a pull on
the cable bundle will confirm module
is locked in proper position.
Module Insertion
Select module to be removed and place
the blades of removal tool into the remov-
al slots at the front of the connector. Push
the removal tool into the full depth of the
cavity, releasing the module retention
tines.
Module Removal
With the module removal tool fully
inserted, push the extraction plunger to
eject the module out of the rear of the
connector.
Assembly of Internal Strain Relief
Strain reliefs, if required, may be assembled to plug or receptacle
connectors which have a full complement of modules installed.
The following is instruction for assembling the internal attach-
ment strain relief, part number LMD-5300-10A (see page 107).
Tape wire bundle in area of cable clamp, and build up diameter
to approx. 3/8 inches, if required. Align self-locking tines of the
strain relief housing with the cavities adjacent to each module.
Push the strain relief housing into place until the self-locking
tines snap and lock strain relief into position. Assemble opposite
half of strain relief housing to connector and tighten tie-strap to
provide clamping force on the wire bundle.
Opening Strain Relief to Service
Modules and Contacts
Internal attachment strain reliefs may be opened to
provide module and/or contact accessibility. To
service connectors, first cut and discard tie-strap on
strain relief. Open strain relief halves approx. 45°
each by bending along integral flexible hinge. After
servicing, close strain relief halves and install and
tighten new tie-strap.
To completely remove strain relief from the housing
in order to provide module access; first remove
tie-strap, open strain relief halves 45° each, then
remove module, then remove strain relief.


Similar Part No. - LMD-6005-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
More results

Similar Description - LMD-6005-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
logo
LightKey Optoelectronic...
LMS-1-P7622-16URUG LIGHTKEY-LMS-1-P7622-16URUG Datasheet
107Kb / 2P
   LMS-1-P7622-16URUG
logo
Lumberg
P129 LUMBERG-P129 Datasheet
1Mb / 3P
   Modular connectors
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
   MODULAR CONNECTORS
logo
Lumberg
253301 LUMBERG-253301 Datasheet
527Kb / 3P
   Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
   Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
   Modular connectors
logo
Hirose Electric
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
   MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
   MODULAR CONNECTORS
logo
Lumberg
P126 LUMBERG-P126 Datasheet
585Kb / 4P
   Modular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com