Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD-6009-P Datasheet(PDF) 4 Page - Amphenol Corporation

Part # LMD-6009-P
Description  LMD and LMS Modular Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LMD-6009-P Datasheet(HTML) 4 Page - Amphenol Corporation

  LMD-6009-P Datasheet HTML 1Page - Amphenol Corporation LMD-6009-P Datasheet HTML 2Page - Amphenol Corporation LMD-6009-P Datasheet HTML 3Page - Amphenol Corporation LMD-6009-P Datasheet HTML 4Page - Amphenol Corporation LMD-6009-P Datasheet HTML 5Page - Amphenol Corporation LMD-6009-P Datasheet HTML 6Page - Amphenol Corporation LMD-6009-P Datasheet HTML 7Page - Amphenol Corporation LMD-6009-P Datasheet HTML 8Page - Amphenol Corporation LMD-6009-P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
102
Amphenol
Aerospace
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
1. Connector Type
3. Number of Modules
0
designates standard black thermoplastic
F
designates white thermoplastic nylon material -
consult Amphenol for availability
5. Coupling Mechanism
J
designates jack-socket, rotating
K
designates jack-screw, fixed
E
designates without coupling mechanism
1.
2.
3.
4.
5.
6.
Housing
Material
Number
of Modules
Connector
Type
Coupling
Mechanism
Alternate
Keying
LMD
-0
6
P
J
3
2. Housing Material
4. Connector Type
HOW TO ORDER LMD HOUSINGS
Housings are ordered separately from modules and contacts. Housings
are available with 6 bays. Typical housing part number is shown as follows:
LMD
6. Alternate Keying
3
6 positions of keying post: 1, 2, 3, 4, 5 or 6
7
designates keying hardware shipped unassembled
for field assembly
8
designates no alternate keying hardware. Keyed
through housing only.
LMD Modular Connectors
LMD HOUSINGS - HOW TO ORDER
6
cavities in plug or receptacle
housing (available in 6 only)
P
designates plug
R
designates receptacle
Ordering information on modules, contacts and
strain reliefs is given on other pages of this LMD
catalog section that follow.
RECEPTACLE HOUSING
6 BAY
PLUG HOUSING
6 BAY
5.045 (128.14)
4.320 (109.73)
4.695 (119.25)
.175 (4.45) REF.
MOUNTING HOLE
FOR #8 SCREW TYPICAL
.740
(18.80)
2
3
5
6
41
D
C
B
AE
F
KEY POSITION INDICATOR
(6 KEY POSITIONS)
.944
(23.98)
1.100
(27.94)
#10-32 NUT
FOR CHANGING
KEY POSITION
JACK SCREW
KEYING MECHANISM
#12-24 THREAD
5.045 (128.14)
4.320 (109.73)
4.695 (119.25)
.740
(18.80)
6
5
3
2
41
D
E
FA
CB
KEY POSITION INDICATOR
(6 KEY POSITIONS)
.844
(21.44)
1.000
(25.40)
#12-24 THREAD
.375 (9.53) HEX
JACK SOCKET
KEYING MECHANISM
.175 (4.45) REF.
MOUNTING HOLE
FOR #8 SCREW TYPICAL


Similar Part No. - LMD-6009-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
More results

Similar Description - LMD-6009-P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
logo
LightKey Optoelectronic...
LMS-1-P7622-16URUG LIGHTKEY-LMS-1-P7622-16URUG Datasheet
107Kb / 2P
   LMS-1-P7622-16URUG
logo
Lumberg
P129 LUMBERG-P129 Datasheet
1Mb / 3P
   Modular connectors
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
   MODULAR CONNECTORS
logo
Lumberg
253301 LUMBERG-253301 Datasheet
527Kb / 3P
   Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
   Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
   Modular connectors
logo
Hirose Electric
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
   MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
   MODULAR CONNECTORS
logo
Lumberg
P126 LUMBERG-P126 Datasheet
585Kb / 4P
   Modular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com