Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC489G Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC489G
Description  High Current Transistors NPN Silicon These are Pb?묯ree Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489G Datasheet(HTML) 4 Page - ON Semiconductor

  BC489G Datasheet HTML 1Page - ON Semiconductor BC489G Datasheet HTML 2Page - ON Semiconductor BC489G Datasheet HTML 3Page - ON Semiconductor BC489G Datasheet HTML 4Page - ON Semiconductor BC489G Datasheet HTML 5Page - ON Semiconductor BC489G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC489, BC489A
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1.0 k
1.0
2.0
5.0
Figure 6. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
700
500
300
200
100
70
50
30
20
10
3.0
10
20
50
30
7.0
70 100
BC489
100 ms
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
200
100
80
60
40
TJ =125°C
25°C
−55°C
VCE = 1.0 V
300
500
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltages
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
200
20
TJ = 25°C
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
5.0
10
50
100
VBE(sat) @ IC/IB = 10
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
1.0
0.8
0.6
0.4
0.2
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.05
0.2
0.5
2.0
5.0
20
100 mA
250 mA
50
mA
2.0
500
50
500 mA


Similar Part No. - BC489G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Micro Electronics
BC489 MICRO-ELECTRONICS-BC489 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC489 CDIL-BC489 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
   High Current Transistors
More results

Similar Description - BC489G

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
   High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com