Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7605 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7605
Description  HOLE PLUGS and BUSHINGS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7605 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7605 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
NYLON HOLE PLUGS
STEEL HOLE PLUGS
Closes unused chassis holes quickly and economically. Plugs are abrasion and
vibration resistant.
MATERIAL: Nylon 6/6, Matte Finish, Black
.125 [3.2]
.093 [2.36]
.062 [1.57]
.032 [0.81]
.062 [1.57]
C
B
CAT.
HOLE
PANEL
NO.
DIAMETER THICKNESS
B
C
8600
.250 (6.4)
.062 (1.57)
.312 (7.9)
.312 (7.9)
8601
.312 (7.9)
.062 (1.57)
.375 (9.5)
.312 (7.9)
8602
.375 (9.5)
.125 (3.2)
.468 (11.9) .406 (10.3)
8603
.500 (12.7)
.125 (3.2)
.578 (14.7) .406 (10.3)
8604
.625 (15.9)
.125 (3.2)
.734 (18.6) .406 (10.3)
8605
.750 (19.1)
.125 (3.2)
.921 (23.4) .406 (10.3)
8606
.875 (22.2)
.125 (3.2)
1.015 (25.8) .453 (11.5)
8607
1.000 (25.4)
.125 (3.2) 1.203 (30.6) .453 (11.5)
8608
1.125 (28.6)
.125 (3.2)
1.218 (30.9) .453 (11.5)
8609
1.250 (31.8)
.125 (3.2)
1.375 (34.9) .453 (11.5)
8610
1.375 (34.9)
.125 (3.2) 1.500 (38.1) .453 (11.5)
8611
1.500 (38.1)
.125 (3.2)
1.671 (42.4) .453 (11.5)
Excellent spring retention. Plugs will cover chassis holes, wiring outlets, access holes
or unused openings.
MATERIAL: Steel, Nickel Plate
A
B
C
CAT.
HOLE
PANEL
NO.
DIAMETER
THICKNESS
A
B
C
PRONGS
7600
.250 (6.4)
.031-.062 (.81-1.57)
.406 (10.3) .234 (5.9) .062 (1.57)
6
7601
.312 (7.9)
.047-.078 (1.19-1.98)
.437 (11.1) .250 (6.4). 062 (1.57)
6
7602
.375 (9.5)
.047-.062 (1.19-1.57)
.500 (12.7) .234 (5.9) .062 (1.57)
6
7603
.500 (12.7) .031-.062 (.81-1.57)
.656 (16.7) .281 (7.1) .078 (1.98)
8
7604
.625 (15.9) .062-.093 (1.57-2.36)
.812 (20.6) .296 (7.5) .078 (1.98)
8
7605
.750 (19.1) .062-.093 (1.5 -2.36)
.921 (23.4) .296 (7.5) .078 (1.98)
12
7606
.875 (22.2) .062-.093 (1.57-2.36) 1.062 (27.0) .296 (7.5) .062 (1.57)
12
7607
1.000 (25.4) .062-.156 (1.57-3.9)
1.140 (29.0) .328 (8.3) .093 (2.36)
12
7608
1.125 (28.6) .031-.125 (.79-3.2)
1.312 (33.3) .343 (8.7) .093 (2.36)
12
7609
1.250 (31.8) .062-.093 (1.57-2.36)
1.437 (36.5) .343 (8.7) .093 (2.36)
12
7610
1.375 (34.9) .031-.125 (.79-3.2)
1.562 (39.7) .406 (10.3) .078 (1.98)
12
7611
1.500 (38.1) .031-.062 (.79-1.57)
1.640 (41.7) .406 (10.3) .093 (2.36)
12
B
C
.062 [1.57]
.032 [0.81]
.062 [1.57]
.093 [2.36]
.125 [3.2]
NYLON VENT PLUGS
MATERIAL: Nylon 6/6, Matte Finish, Black
Used to cover chassis holes while allowing air flow for ventilation.
Snaps into .032 (.81) to .125 (3.2)
thick panels.
CAT.
HOLE
NO.
DIAMETER
B
C
8612
.875 (22.2) 1.015 (25.8)
.453 (11.5)
8613
1.000 (25.4) 1.218 (30.9)
.453 (11.5)
Designed to be assembled into holes that already contain wire or cable. Versatile
bushing can be used on all chassis from .032 (.81) to .125 (3.2).
NYLON SPLIT BUSHINGS
B
A
.406
[10.3]
.062 [1.57]
.032 [0.81]
.062 [1.57]
.093 [2.36]
.125 [3.2]
MATERIAL: Nylon 6/6, Black
MATERIAL: Nylon 6/6, Black
HOLE
A
B
CAT.
SIZE
INSIDE
HEAD
NO.
REQUIRED
DIAMETER
DIAMETER
8490
.375 (9.5)
.265 (6.7)
.421 (10.7)
8491
.500 (12.7)
.312 (7.9)
.562 (14.3)
8492
.562 (14.3)
.390 (9.9)
.640 (16.3)
8493
.625 (15.9)
.453 (11.5)
.687 (17.4)
8494
.750 (19.1)
.546 (13.9)
.796 (20.2)
8495
.875 (22.2)
.671 (17.0)
.921 (23.4)
8496
1.000 (25.4)
.796 (20.2)
1.062 (27.0)
NYLON INSULATING BUSHINGS
Snaps into panel hole to provide protection for
wire, cable and tubing from sharp uneven edges.
HOLE
MAXIMUM
A
B
C
CAT.
SIZE
CHASSIS
INSIDE
HEAD
OVERALL
NO.
REQUIRED
THICKNESS
DIAMETER
DIAMETER
HEIGHT
8470
.250 (6.4)
.062 (1.57)
.125 (3.2)
.312 (7.9)
.312 (7.9)
8471
.312 (7.9)
.062 (1.57)
.187 (4.7)
.375 (9.5)
.312 (7.9)
8472
.375 (9.5)
.125 (3.2)
.250 (6.4)
.468 (11.9)
.406 (10.3)
8473
.437 (11.1)
.125 (3.2)
.312 (7.9)
.531 (13.5)
.406 (10.3)
8474
.500 (12.7)
.125 (3.2)
.375 (9.5)
.578 (14.7)
.406 (10.3)
8475
.562 (14.3)
.125 (3.2)
.437 (11.1)
.656 (16.7)
.406 (10.3)
8476
.625 (15.9)
.125 (3.2)
.500 (12.7)
.718 (18.2)
.406 (10.3)
8477
.750 (19.1)
.125 (3.2)
.562 (14.3)
.843 (21.4)
.406 (10.3)
8478
.875 (22.2)
.125 (3.2)
.625 (15.9)
.953 (24.2)
.453 (11.5)
8479
1.000 (25.4)
.125 (3.2)
.750 (19.1)
1.125 (28.6)
.453 (11.5)
8480
1.187 (30.1)
.125 (3.2)
.937 (23.8)
1.312 (33.3)
.453 (11.5)
8481
1.250 (31.8)
.125 (3.2)
.937 (23.8)
1.359 (34.5)
.453 (11.5)
8482
1.375 (34.9)
.125 (3.2)
1.000 (25.4)
1.468 (37.3)
.453 (11.5)
8483
1.500 (38.1)
.125 (3.2)
1.062 (27.0)
1.609 (40.9)
.453 (11.5)
8484
1.750 (44.5)
.125 (3.2)
1.375 (34.9)
1.875 (47.6)
.453 (11.5)
8485
2.000 (50.8)
.125 (3.2)
1.625 (41.3)
2.125 (54.0)
.453 (11.5)
8486
2.500 (63.5)
.250 (6.4)
1.968 (50.0)
2.656 (67.5)
.718 (18.2)
.125 [3.2]
.093 [2.36]
.062 [1.57]
.032 [0.81]
.062 [1.57]
C
A
B
M60Section8FREV1B1_11-2011 4/4/13 5:45PM Page128


Similar Part No. - 7605

ManufacturerPart #DatasheetDescription
logo
ITT Industries
760501000 ITT-760501000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
760502263 ITT-760502263 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
760503000 ITT-760503000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
Honeywell Accelerometer...
76051 HONEYWELL-ACC-76051 Datasheet
127Kb / 2P
   Set Points from 0.5 to 150 psi
logo
Honeywell Solid State E...
76051 HONEYWELL-76051 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
More results

Similar Description - 7605

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
   LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
Honeywell Accelerometer...
73JB10K HONEYWELL-ACC-73JB10K Datasheet
87Kb / 3P
   Plastic shaft and bushings
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Honeywell Accelerometer...
73JA100 HONEYWELL-ACC-73JA100 Datasheet
88Kb / 3P
   Robust nickel-plated brass shaft and bushings
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
   Plugs and Adaptors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com