Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-709SMZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709SMZ
Description  10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709SMZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709SMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-709SMZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Table 6. High Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Input Differential Voltage (TD +/-)
VI
180
700
mV
Note 1
Tx Input AC Common Mode Voltage Tolerance
15
mV(RMS)
Tx Input Differential S-parameter (100 Ω Ref.)
SDD11
-10
dB
0.01-1.0 GHz
Note 3
dB
1.0-11.1 GHz
Tx Input Differential to Common
SCD11
-10
dB
0.01-11.1 GHz
Mode Conversion (25 Ω Ref.)
Rx Output Differential Voltage (RD +/-)
Vo
300
850
mV
Note 2
Rx Output Termination Mismatch @ 1MHz
DZm
5
%
Rx Output AC Common Mode Voltage
7.5
mV(RMS)
Note 5
Rx Output Output Rise and Fall Time
tr, tf
28
ps
(20% to 80%)
Rx Output Total Jitter
TJ
0.70
Ulp-p
Rx Output 99% Jitter
J2
0.42
Ulp-p
Rx Output Differential S-parameter
SDD22
-12
dB
0.01-1.0 GHz
(100 Ω Ref.)
Note 4
dB
1.0-11.1 GHz
Rx Output Common Mode Reflection
SCC22
-6
dB
0.01-2.5 GHz
Coefficient (25 Ω Ref.)
-3
dB
2.5-11.1 GHz
Receiver Output Eye Mask
See Figure 5a
Notes:
1. Internally AC coupled and terminated (100 Ohm differential).
2. Internally AC coupled but requires an external load termination (100 Ohm differential).
3. Maximum reflection coefficient is expressed as SDD11=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
4. Maximum reflection coefficient is expressed as SDD22=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
5. The RMS value is measured by calculating the standard deviation of the histogram for one UI of the common mode signal.
Table 5. Low Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
180
289
mA
Note 1
Power Dissipation
PDISS
600
1000
mW
TX_FAULT, RX_LOS
IOH
- 50
+ 37.5
mA
Note 2
VOL
- 0.3
0.4
V
TX_DISABLE
VIH
2.0
VccT + 0.3
V
Note 3
VIL
-0.3
0.8
V
Notes:
1. Supply current includes both VccT and VccR connections.
2. Measured with a 4.7 k Ω load to VccHost.
3. TX_DISABLE has an internal 4.7 kΩ to 10 kΩ pull-up to VccT


Similar Part No. - AFBR-709SMZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-709SMZ-C ATGBICS-AFBR-709SMZ-C Datasheet
354Kb / 10P
   AFBR-709SMZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR/SW (850nm, MMF, 400m, DOM)
AFBR-709SMZ-FT2-C ATGBICS-AFBR-709SMZ-FT2-C Datasheet
355Kb / 10P
   AFBR-709SMZ-FT2 Avago Broadcom Compatible Transceiver SFP 10GBase-SR/SW (850nm, MMF, 400m, DOM)
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709SMZ AVAGO-AFBR-709SMZ_15 Datasheet
492Kb / 19P
   SFP Transceiver
More results

Similar Description - AFBR-709SMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709ASMZ AVAGO-AFBR-709ASMZ Datasheet
493Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SNZ AVAGO-AFBR-703SNZ Datasheet
485Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
   10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com