Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-821FN1Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-821FN1Z
Description  10 Gbps/Channel Twelve Channel, Parallel Fiber Optics Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-821FN1Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-821FN1Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-821FN1Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-821FN1Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-2842EN - March 8, 2013
Mechanical Dimensions, Package Outlines
Round Cable Housing
Flat Ribbon Cable Housing
* All dimensions in millimeters: Mechanical dimensions depicted are
nominal dimensions and are subject to change
(21.95)
(21.95)
HEAT SINK SURFACES
KEEP CLEAN
AVOID SCRATCHES
AVOID DENTS
FIBER EXIT SIDE
INDICATOR ON
BOTH SIDES
(18.62)
(18.62)
(18.82 WITH LABELS)
(4X R1.50)
(4X R1.50)
(14.50)


Similar Part No. - AFBR-821FN1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEHZ AVAGO-AFBR-810BEHZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEZ AVAGO-AFBR-810BEZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BHZ AVAGO-AFBR-810BHZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-821FN1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-811FX3Z AVAGO-AFBR-811FX3Z Datasheet
3Mb / 54P
   10 Gbps/Channel, 300m link Twelve Channel, Parallel Fiber Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D4SZ AVAGO-AFBR-77D4SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D2SZ AVAGO-AFBR-77D2SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com