Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-811FH1Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-811FH1Z
Description  10 Gbps/Channel Twelve Channel, Parallel Fiber Optics Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-811FH1Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-811FH1Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-811FH1Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-811FH1Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MiniPOD™
AFBR-811VxyZ, AFBR-821VxyZ
10 Gbps/Channel
Twelve Channel, Parallel Fiber Optics Modules
Product Brief
Description
The AFBR-811VxyZ Twelve Channel, Pluggable, Parallel
Fiber Optics Transmitter and AFBR-821VxyZ Twelve
Channel, Pluggable, Parallel Fiber Optics Receiver are high
performance fiber optics modules for short-range parallel
multi-lane data communication and interconnect applica-
tions. The high density optical modules are designed to
operate over multimode fiber systems using a nominal
wavelength of 850 nm.
Avago’s MiniPOD solution offers system designers two
module package options to optimize their cable manage-
ment and board layout. AFBR-811RxyZ Tx/AFBR-821RxyZ
Rx is used with round multi-lane cable assemblies for
applications requiring multiple turns of the jumper cable
inside the chassis. AFBR-811FxyZ Tx/AFBR-821FxyZ Rx is
used with flat ribbon cable assemblies, allowing dense
tiling of the modules as the jumper cables can be thread
under the dust-cap of the next module. This top mounted
optical connection maximizes board layout density by
eliminating board space lost to the optical connector and
strain relief.
The electrical interface uses a 9×9 MEG-Array connector
with 1.27 mm pitch
http://portal.fciconnect.com/Comergent//fci/drawing/
55714.pdf
The optical interface requires the user to provide a
custom designed optical turn 1×12 ribbon cable PRIZM
LightTurnconnector.
The thermal interface provided can require either a user
provided heat sink or use of the Avago general purpose
clip on heat sink, to maintain the module case temperature
to be between 0
°C to 70 °C during continuous operation.
Applications
• 100 GbE and IB-QDR / IB-DDR / IB-SDR interconnects
• Data Aggregation, Backplane and Proprietary Protocol
and Density Applications
• High Performance and High Productivity computer
interconnects
• Switch Fabric interconnects
Features
• Compliant to IEEE 802.3ba 100GbE (100GBASE-SR10
and nPPI) per lane
• Compliant to 12×QDR Infiniband
• Operates at 10.3125 Gbps per channel with 64b/66b
encoded data for 100GbE application and at 10 Gbps
with 8b/10b encoded data for IB-QDR application
• High Aggregate bandwidth: 120 Gbps per module
• High density footprint: 21.95 mm × 18.62 mm size
• Two package options to optimize internal cable
management and system layout
• Separate transmitter and receiver modules
• 850 nm VCSEL array in transmitter; PIN array in receiver
• Links up to 150 m at 10.3125 Gbps with OM4 4700
MHz•km 50
mm MMF
• Optical Interface: PRIZMLightTurnoptical turn 1×12
ribbon fiber connector
• Pluggable electrical interface: 9×9 MEG-Array for ease
of design and manufacturability
• Low Power consumption: 3.0 W Max per Transmitter/
Receiver pair (0
°C to 70 °C operating range)
• Dedicated signals for module address, module reset
and host interrupt
• Two Wire Serial (TWS) interface with maskable interrupt
for expanded functionality including:
– Individual channel functions: disable, squelch dis-
able, lane polarity inversion, TX eye margin enable
– A/D read back: module temperature and supply
voltages, per channel laser current and laser power,
or received power
– Status: per channel Tx fault, electrical (transmitter) or
optical (receiver) LOS, and alarm flags
– Programmable equalization integrated with DC
blocking caps at transmitter data input
– Programmable receiver output swing and de-
emphasis level
– Field Upgradable Firmware capability
• 0 °C to 70 °C case temperature continuous operating
range. 85 °C supported for short durations
Patent - www.avagotech.com/patents


Similar Part No. - AFBR-811FH1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-811FX3Z AVAGO-AFBR-811FX3Z Datasheet
3Mb / 54P
   10 Gbps/Channel, 300m link Twelve Channel, Parallel Fiber Optics Modules
More results

Similar Description - AFBR-811FH1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-811FX3Z AVAGO-AFBR-811FX3Z Datasheet
3Mb / 54P
   10 Gbps/Channel, 300m link Twelve Channel, Parallel Fiber Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D4SZ AVAGO-AFBR-77D4SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D2SZ AVAGO-AFBR-77D2SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com