Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-821RH1Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-821RH1Z
Description  10 Gbps/Channel Twelve Channel, Parallel Fiber Optics Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-821RH1Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-821RH1Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-821RH1Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-821RH1Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Figure 1. MiniPOD™ Transmitter and Receiver Modules with a) Round Cable and b) Flat Cable:
shown with and without dust covers (White = Tx, Black = Rx).
Figure 2. MiniPOD™ Transmitter and Receiver
flat ribbon cable modules in a tiled arrangement
example.
Part Number Ordering Options
Modules for use with Flat Ribbon Jumper
Cable
Transmitter Base Part Number
AFBR-811FxyZ
Receiver Base Part Number
AFBR-821FxyZ
Modules for use with Round Jumper Cable
Transmitter Base Part Number
AFBR-811RxyZ
Receiver Base Part Number
AFBR-821RxyZ
Where:
81 = Transmitter; 82 = Receiver
F/R: R = module package for use with round cable;
F = module package for use with Flat ribbon cable
V: R= module package for use with round cable; F = module package for use with Flat ribbon cable
x: N = No Heat Sink, H = Pin Clip-on Heat Sink attached
Y: 1 = 100m
Key Product Parameters
The Avago Technologies MiniPOD™ modules operate at 850 nm and are compliant to the Multi-mode Fiber optical specs
in clause 86 and relevant electrical specs in annex 86A of the IEEE 802.3ba specifications.
Parameter
Value
Units
Notes
Data rate per lane
10.3125
Gbps
As per 802.3ba: 100GBASE-SR10 and nPPI specifications
Number of operational lanes
12
100GbE operation utilizes the middle ten lanes (Rx and Tx)
of the 12 physically defined lanes
Link Length
100
150
m
m
OM3, 2000 MHzMHz•km 50
mm MMF
OM4, 4700 MHz•km 50
mm MMF
Operating Temperature Range
0-70
ºC
Case Temperature
Power Supply Voltage
3.3 and 2.5
V
Management Interface
Two-Wire Serial
Compatible with industry standard two-wire serial protocol
scaled for 1.2 volt LVCMOS. It can also tolerate 3.3V LVTTL.
Laser Output Power
Class 3R (Class 1M
at Fiber Output)
Without optical connector.
Electrical Interface
MEG-Array
1.27mm pitch and 4mm contact mate height
Module Dimensions
18.6 x 22 x 14.5
mm
Flat Ribbon Cable Housing
18.6 x 22 x 15.6
mm
Round Ribbon Cable Housing
Laser Safety Notice
* A Class 3R laser is considered safe if handled carefully, with restricted beam viewing.
With a class 3R laser the maximum permissible exposure can be exceeded,
but with
a low risk of injury.


Similar Part No. - AFBR-821RH1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEHZ AVAGO-AFBR-810BEHZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEZ AVAGO-AFBR-810BEZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BHZ AVAGO-AFBR-810BHZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results

Similar Description - AFBR-821RH1Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-77D1SZ AVAGO-AFBR-77D1SZ Datasheet
243Kb / 2P
   10 Gbps/Channel Twelve Channel Parallel Fiber Optics Modules
AFBR-811FX3Z AVAGO-AFBR-811FX3Z Datasheet
3Mb / 54P
   10 Gbps/Channel, 300m link Twelve Channel, Parallel Fiber Optics Modules
AFBR-77D13SZ AVAGO-AFBR-77D13SZ Datasheet
2Mb / 53P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D4SZ AVAGO-AFBR-77D4SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D2SZ AVAGO-AFBR-77D2SZ Datasheet
242Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-77D1SZ AVAGO-AFBR-77D1SZ_15 Datasheet
243Kb / 2P
   Twelve Channel Parallel Fiber Optics Modules
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com