Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3476 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # MS3476
Description  MIL-DTL-26482, Series 2, Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3476 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button MS3476 Datasheet HTML 5Page - Amphenol Corporation MS3476 Datasheet HTML 6Page - Amphenol Corporation MS3476 Datasheet HTML 7Page - Amphenol Corporation MS3476 Datasheet HTML 8Page - Amphenol Corporation MS3476 Datasheet HTML 9Page - Amphenol Corporation MS3476 Datasheet HTML 10Page - Amphenol Corporation MS3476 Datasheet HTML 11Page - Amphenol Corporation MS3476 Datasheet HTML 12Page - Amphenol Corporation MS3476 Datasheet HTML 13Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
117
MS3471 (MB13) – MIL-DTL-26482, Series 2
Cable Connecting Receptacle
MS3474 (MB14) – MIL-DTL-26482, Series 2
Jam Nut Receptacle
All dimensions for reference only.
MS3471
MB13
MS3474
MB14
Shell
Size
A
Max.
B Dia.
±.020
C Dia.
±.003
D Dia.
Max.
E
F
±.016
H
Accessory Thread
Class 2A
8
.828
.938
.471
.305
.462/.431
.062
.5000-20 UNF
10
.954
1.062
.588
.405
.462/.431
.062
.6250-24 UNEF
12
1.047
1.156
.748
.531
.462/.431
.062
.7500-20 UNEF
14
1.141
1.250
.873
.665
.462/.431
.062
.8750-20 UNEF
16
1.234
1.344
.998
.790
.462/.431
.062
1.0000-20 UNEF
18
1.328
1.438
1.123
.869
.462/.431
.062
1.0625-18 UNEF
20
1.453
1.562
1.248
.994
.587/.556
.094
1.1875-18 UNEF
22
1.578
1.688
1.373
1.119
.587/.556
.094
1.3125-18 UNEF
24
1.703
1.812
1.498
1.244
.620/.589
.094
1.4375-18 UNEF
Shell
Size
A
Max.
B
±.005
C Dia.
±.003
D Dia.
Max.
E
F
H
Accessory Thread
Class 2A
J
Mounting Thread
Class 2A
K
Max.
8
.954
.525
.471
.305
.707/.658
.113/.086
.5000-20 UNF
.5625-24 UNEF
.767
10
1.078
.650
.588
.405
.707/.658
.113/.086
.6250-24 UNF
.6875-24 UNEF
.892
12
1.266
.813
.748
.531
.707/.658
.113/.086
.7500-20 UNEF
.8750-20 UNEF
1.079
14
1.391
.937
.873
.665
.707/.658
.113/.086
.8750-20 UNEF
1.0000-20 UNEF
1.205
16
1.516
1.061
.998
.790
.707/.658
.113/.086
1.0000-20 UNEF
1.1250-18 UNEF
1.329
18
1.641
1.186
1.123
.869
.707/.658
.113/.086
1.0625-18 UNEF
1.2500-18 UNEF
1.455
20
1.828
1.311
1.248
.994
.772/.721
.148/.096
1.1875-18 UNEF
1.3750-18 UNEF
1.579
22
1.954
1.436
1.373
1.119
.772/.721
.148/.096
1.3125-18 UNEF
1.5000-18 UNEF
1.705
24
2.078
1.561
1.498
1.244
.772/.721
.148/.096
1.4375-18 UNEF
1.6250-18 UNEF
1.829
All dimensions for reference only.
A Max. Typ.
Master Keyway
B
K Max.
Ty
p.
.290 Min. Full Thread
.190
.130
Grommet
Extension
C
Dia.
1.405 Max
Shell 8 Thru 18
1.465 Max.
Shell 20, 22, & 24
E
F
H Accessory
Thread
D Dia. Max.
Grommet
Blue Color Band
Blue
Color
Band
J Mounting Thread
Lockwire Hole
3-Places Equally Spaced
3 Teeth
Equally Spaced
120 Apart
°
A Max. Typ.
Master
Keyway
B Dia.
Blue Color
Bands
C
Dia.
H Accessory Thread
.190
.130
Grommet
Extension
D Dia. Max
Grommet
1.405 Max.
Shell 8 Thru 18
1.465 Max.
Shell 20, 22, &24
E
F
.290 Min.
Full Thread
3 Teeth
Equally Spaced
120 Apart
°
Military
MS
3471
X
X-X
X
X
NA
Commercial
MB1
3
X
X-X
X
X
(XXX)
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert
Arrg
Contact
Type
Alternate
Rotation
of Insert
Modification
Number
*To complete, see how to order page 115.
PART #
Military
MS
3474
X
X-X
X
X
NA
Commercial
MB1
4
X
X-X
X
X
(XXX)
Connector
Type
Shell
Style
Service
Class
Shell Size
& Insert
Arrg
Contact
Type
Alternate
Rotation
of Insert
Modification
Number
*To complete, see how to order page 115.
PART #


Similar Part No. - MS3476

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3476 GLENAIR-MS3476 Datasheet
60Kb / 1P
   Military Standard Connector Index
logo
List of Unclassifed Man...
MS3476 ETC-MS3476 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
MS3476A10-10AW-340 ETC-MS3476A10-10AW-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3476A10-10AX-340 ETC-MS3476A10-10AX-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
MS3476A10-10AY-340 ETC-MS3476A10-10AY-340 Datasheet
114Kb / 1P
   Military and Aero-Electric Part Number Development
More results

Similar Description - MS3476

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3470W8-33P AMPHENOL-MS3470W8-33P Datasheet
336Kb / 13P
   MIL-DTL-26482, Series 2, Matrix
MS3475W12-8P AMPHENOL-MS3475W12-8P Datasheet
336Kb / 13P
   Amphenol MIL-DTL-26482, Series 2, Matrix
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
logo
Amphenol Corporation
JANMS318010CWL AMPHENOL-JANMS318010CWL Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
logo
Glenair, Inc.
230-014 GLENAIR-230-014 Datasheet
259Kb / 2P
   MIL-DTL-26482 Series I Type Hermetic
logo
ITT Industries
046594-0002 ITT-046594-0002 Datasheet
36Kb / 1P
   Product Line: MIL-DTL 26482 Series I & Mil Battery
logo
Amphenol Corporation
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
Glenair, Inc.
240-264A GLENAIR-240-264A Datasheet
81Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
240-264J GLENAIR-240-264J Datasheet
88Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
240-264W GLENAIR-240-264W Datasheet
86Kb / 2P
   MIL-DTL-26482 Series II Type Filter Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com