Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD41 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PD41
Description  Dual Diode Isolated Module 1100 Amperes Up to 2400 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PD41 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PD41_11 Datasheet HTML 1Page - Powerex Power Semiconductors PD41_11 Datasheet HTML 2Page - Powerex Power Semiconductors PD41_11 Datasheet HTML 3Page - Powerex Power Semiconductors PD41_11 Datasheet HTML 4Page - Powerex Power Semiconductors PD41_11 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual Diode Isolated Module
1100 Amperes / Up to 2400 Volts
Revision Date: 05/29/2012
PD41__11
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
Up to 2400
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180° Conduction)
180° Conduction, TC=80°C
180° Conduction, TC=87°C
180° Conduction, TC=95°C
180° Conduction, TC=98°C
IF(RMS)
IF(RMS)
IF(RMS)
IF(RMS)
1885
1725
1570
1415
A
A
A
A
Average Forward Current Per Diode
(180° Conduction)
180° Conduction, TC=80°C
180° Conduction, TC=87°C
180° Conduction, TC=95°C
180° Conduction, TC=98°C
IF(AV)
IF(AV)
IF(AV)
IF(AV)
1200
1100
1000
900
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25°C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
50,890
46,400
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25°C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
33,925
30,935
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125°C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
44,250
40,350
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125°C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
29,500
26,900
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125°C, Vr = Vrrm
IFSM
23,690
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125°C, Vr = Vrrm
IFSM
18,615
A
I
2t for Fusing for One Cycle
Tj = 125°C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
3.63 x 10
6
3.62 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
132
15
in.
– Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in.
– Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25°C
Vrms
4000
V
Information is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability for use, reliability, capability,
or future availability of this product.


Similar Part No. - PD41_11

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
More results

Similar Description - PD41_11

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
ND4126 POWEREX-ND4126_10 Datasheet
134Kb / 4P
   260 Amperes / Up to 2400 Volts Dual Diode Isolated Module
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
LS4160 POWEREX-LS4160 Datasheet
95Kb / 4P
   POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
   POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PD4306 POWEREX-PD4306 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (600 Amperes / Up to 2400 Volts)
QRD2412001 POWEREX-QRD2412001 Datasheet
58Kb / 4P
   POW-R-BLOK Dual DIODE Module (120 Amperes / Up to 2400 Volts)
CD4199B POWEREX-CD4199B Datasheet
323Kb / 4P
   100 Amperes / Up to 1600 Volts Dual & Single Diode Isolated Module
CD6116B POWEREX-CD6116B Datasheet
127Kb / 4P
   160 Amperes / Up to 2200 Volts Dual & Single Diode Isolated Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com