Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTDN8233X6 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTDN8233X6
Description  Dual N -Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTDN8233X6 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTDN8233X6 Datasheet HTML 1Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 2Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 3Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 4Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 5Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 6Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 7Page - Cystech Electonics Corp. MTDN8233X6 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C911X6
Issued Date : 2013.07.12
Revised Date : 2013.07.23
Page No. : 5/10
MTDN8233X6
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
Pulsed
Ta=25°C
VDS=5V
Gate Charge Characteristics
0
1
2
3
4
5
04
8
12
Total Gate Charge---Qg(nC)
16
ID=11A
VDS=16V
VDS=10V
VDS=4V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
1s
RDS(ON
)
Limit
TA=25°C, Tj(max)=150°C,
VGS=4.5V, RθJA=80°C/W
Single Pulse
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
12
14
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=80°C/W


Similar Part No. - MTDN8233X6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDN8233CDV8 CYSTEKEC-MTDN8233CDV8 Datasheet
365Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
More results

Similar Description - MTDN8233X6

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com