Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS41 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS41
Description  Single Diode Isolated Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS41 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS41_25 Datasheet HTML 1Page - Powerex Power Semiconductors PS41_25 Datasheet HTML 2Page - Powerex Power Semiconductors PS41_25 Datasheet HTML 3Page - Powerex Power Semiconductors PS41_25 Datasheet HTML 4Page - Powerex Power Semiconductors PS41_25 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
2500 Amperes / Up to 2400 Volts
Revision Date: 05/29/2012
PS41__25
®
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
3.5
4
100
1000
10000
100000
Instantaneous On-State Current - If - Amperes
(Tj = 150C)
Maximum Transient Thermal Impedance
0.000
0.005
0.010
0.015
0.020
0.025
0.001
0.01
0.1
1
10
100
1000
Time - t - Seconds
(Junction To Case)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
90°
180°
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
90°
30°
180°
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
180°
120°
60°
90°
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
180°
120°
90°
60°
360°
60
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
3000
3500
4000
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)


Similar Part No. - PS41_25

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS410HGUK TRIPPLITE-PS410HGUK Datasheet
163Kb / 3P
   UK BS-1363 Medical-Grade Power Strip with 4 UK Outlets, 3m Cord
logo
Powerex Power Semicondu...
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
   POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PS413620 POWEREX-PS413620 Datasheet
349Kb / 5P
   POW-R-BLOKT Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
More results

Similar Description - PS41_25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
LD412060 ISC-LD412060_V01 Datasheet
296Kb / 2P
   Dual Diode Isolated Module
CD610816C ISC-CD610816C Datasheet
209Kb / 2P
   Dual Diode Isolated Module
logo
Powerex Power Semicondu...
LS430850 POWEREX-LS430850_10 Datasheet
173Kb / 4P
   Single SCR Isolated Module
LS431843 POWEREX-LS431843_10 Datasheet
137Kb / 4P
   Single SCR Isolated Module
logo
SanRex Corporation
DSR200BA50 SANREX-DSR200BA50 Datasheet
142Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVRY DIODE)
DKA200AA50 SANREX-DKA200AA50 Datasheet
110Kb / 1P
   ISOLATED DIODE MODULE(SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR400AA60 SANREX-DSR400AA60 Datasheet
100Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DKA300AA50 SANREX-DKA300AA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR300BA50 SANREX-DSR300BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com