Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

316618 Datasheet(PDF) 5 Page - 3M Electronics

Part # 316618
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

316618 Datasheet(HTML) 5 Page - 3M Electronics

  316618 Datasheet HTML 1Page - 3M Electronics 316618 Datasheet HTML 2Page - 3M Electronics 316618 Datasheet HTML 3Page - 3M Electronics 316618 Datasheet HTML 4Page - 3M Electronics 316618 Datasheet HTML 5Page - 3M Electronics 316618 Datasheet HTML 6Page - 3M Electronics 316618 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
JNPS-0814
6. QUALITY PERFORMANCE
6-1 RATING
ITEM
RATING
CURRENT
VOLTAGE
TEMPERATURE
0.5A Max.
AC: 150V Max. / DC: 200V Max.
-55
°C ~ 85°C
6-2 PHYSICAL SPECIFICATIONS
* The value in ( ) is reference
.
TEST
DESCRIPTION
REQUIREMENT
TEST CONDITION
RELATED
STANDARD
CONTACT
RETENTION FORCE
7.85N (0.8 kgf) Min.
Tensile speed 5mm / min.
――――
INSERTION &
WITHDRAWAL
FORCE
Insertion Force:
1.47N (150 gf) Max.
Withdrawal Force:
0.39N (40 gf) Min.
Tensile speed 5mm / min with
Compatible connector.
Spec. Value is estimated by one
contact pin.
――――
CONTACT
SOLDER ABILITY
Wetting: 95% Min.
or
Zero cross time:
3 seconds Max.
Solder: Sn-3Ag-0.5Cu
- Wetting Measurement:
245
°C, 3 seconds
- Wetting Balance Method:
245
°C
JNTM-0039
JIS C 0050
SOLDERING HEAT
RESISTANCE
Connector should not have
any defect portions after test.
Dip soldering:
260
°C, 10 seconds, 2 times or
263
°C, 5seconds, 2 times
* Pre-heat Condition:
Temp. of Components
100
°C Max.
Duration 60 seconds Max.
Soldering iron:
390
°C, 3 seconds, 2 times
JNTM-0040


Similar Part No. - 316618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3166 ETC2-3166 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3166 ETC2-3166 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3166 HEYCO-3166 Datasheet
120Kb / 1P
   Nylon Locknuts
More results

Similar Description - 316618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com