Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102XX-6202PE Datasheet(PDF) 3 Page - 3M Electronics

Part # 102XX-6202PE
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

102XX-6202PE Datasheet(HTML) 3 Page - 3M Electronics

  102XX-6202PE Datasheet HTML 1Page - 3M Electronics 102XX-6202PE Datasheet HTML 2Page - 3M Electronics 102XX-6202PE Datasheet HTML 3Page - 3M Electronics 102XX-6202PE Datasheet HTML 4Page - 3M Electronics 102XX-6202PE Datasheet HTML 5Page - 3M Electronics 102XX-6202PE Datasheet HTML 6Page - 3M Electronics 102XX-6202PE Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
JNPS-0814
1. FUNCTION
This connector is one of MDR board mount receptacle straight series. And mating side has 2 rows of
female contacts with the pitch of 1.27mm and contact tails are arranged in 1.27mm×1.905mm staggered
grid. This connector can be mounted on the compatible PC board and mating with MDR plug connector
enables to have the electrical performance.
This connector is grounded by screw lockdown.
2. COMPATIBLE OBJECTS
2-1 COMPATIBLE CONNECTORS
3M BRAND MDR PLUG : 101XX-XXXX XX
2-2 COMPAIBLE PC BOARDS
PCB with solder plating hole
See RELATED SPECIFICATION DRAWINGS recommended hole pattern.
4U-0010-0466-2
3. RELATED SPECIFICATION DRAWINGS
See the drawings described in JNPD-0814.
4. RELATED TEST STANDARDS
MIL-STD-202
JEIDA-38-1984
JIS C 0050
JNTM-0039, JNTM-0040
*JNTM: Test Method Standard of Sumitomo 3M for Electronic and Electrical Component Parts.


Similar Part No. - 102XX-6202PE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
102XX-0210EC 3M-102XX-0210EC Datasheet
32Kb / 2P
   050, Mini D Ribbon (MDR) Connectors
More results

Similar Description - 102XX-6202PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com