Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLA513 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # VLA513
Description  BG2C-Universal Gate Drive Prototype Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

VLA513 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  VLA513 Datasheet HTML 1Page - Powerex Power Semiconductors VLA513 Datasheet HTML 2Page - Powerex Power Semiconductors VLA513 Datasheet HTML 3Page - Powerex Power Semiconductors VLA513 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
is recommended for maintaining good common mode noise immunity. Open collector drive that allows IN1 and
IN2 to float will degrade common mode noise immunity and is therefore not recommended.
Printed Circuit Layout: Figure 5 shows the layout of the BG2C two channel gate driver board. The compact
2.7
” x 2.4” circuit board with only 17 components clearly demonstrates the advantage of using hybrid gate
drivers and DC to DC converters. One important feature is the use of three ground plane islands for the regions
of the PCB having high voltage differences. Two of the islands are tied to the IGBT emitter/circuit common (Pin
2 of the DC to DC converters) of each output channel. The third island is connected to logic interface common
at pin 6 of CN1. This layout provides shielding to help prevent undesirable coupling of noise between the control
side and the gate drive channels.
Additional Information: Detailed information about the operation and electrical characteristics of the VLA507
and VLA513 hybrid gate drivers can be found on the individual device data sheets. Electrical characteristics
such as input voltage range, efficiency, and output voltage regulation of the VLA106-15242 and VLA106-24242
DC to DC converters can also be found on the individual device data sheets. Information about calculating gate
drive current and selection of series gate resistors (RG) can be found in the general IGBT module and gate drive
application notes. For applications using higher current IGBT modules refer to the application notes for the
VLA502-01 hybrid gate driver and BG2A reference design. All of these documents are available on the Powerex
website at www.pwrx.com. For design assistance with any of the products covered in this application note
contact Powerex at (724) 925-7272 and request application engineering. For product pricing and availability call
the Power Line: 1-800-451-1415.
COMPONENT SIDE
SOLDER SIDE
Figure 5: BG2C Printed Circuit Board Layout


Similar Part No. - VLA513

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
VLA513-01 POWEREX-VLA513-01 Datasheet
408Kb / 3P
   Hybrid IC IGBT Gate Driver
logo
Isahaya Electronics Cor...
VLA513-01R ISAHAYA-VLA513-01R Datasheet
234Kb / 6P
   HYBRID IC DRIVER FOR IGBT MODULES
VLA513-01R ISAHAYA-VLA513-01R Datasheet
128Kb / 7P
   Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
VLA513-01R POWEREX-VLA513-01R Datasheet
628Kb / 4P
   BG2C ??Universal Gate Drive Prototype Board
More results

Similar Description - VLA513

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BG2C-5015 POWEREX-BG2C-5015 Datasheet
628Kb / 4P
   BG2C ??Universal Gate Drive Prototype Board
logo
Isahaya Electronics Cor...
GAU208P-15252 ISAHAYA-GAU208P-15252 Datasheet
564Kb / 8P
   Universal Gate Drive Prototype Board
GAU205P-15252 ISAHAYA-GAU205P-15252 Datasheet
94Kb / 6P
   Universal Gate Drive Prototype Board
GAU205S-15252 ISAHAYA-GAU205S-15252 Datasheet
128Kb / 7P
   Universal Gate Drive Prototype Board
GAU212P-15255 ISAHAYA-GAU212P-15255 Datasheet
93Kb / 6P
   Universal Gate Drive Prototype Board
GAU212S-15255 ISAHAYA-GAU212S-15255 Datasheet
122Kb / 7P
   Universal Gate Drive Prototype Board
GAU205P-15402 ISAHAYA-GAU205P-15402 Datasheet
500Kb / 8P
   Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A POWEREX-BG2A Datasheet
296Kb / 5P
   Universal Gate Drive Prototype Board
logo
Isahaya Electronics Cor...
GAU205P-15252A ISAHAYA-GAU205P-15252A Datasheet
375Kb / 6P
   Universal Gate Drive Prototype Board
logo
Powerex Power Semicondu...
BG2A-NF POWEREX-BG2A-NF Datasheet
637Kb / 4P
   BG2A ??Universal Gate Drive Prototype Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com