Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5-1.5 Datasheet(PDF) 1 Page - Power-One

Part # HA5-1.5
Description  Linear Power Supplies Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HA5-1.5 Datasheet(HTML) 1 Page - Power-One

  HA5-1.5 Datasheet HTML 1Page - Power-One HA5-1.5 Datasheet HTML 2Page - Power-One HA5-1.5 Datasheet HTML 3Page - Power-One HA5-1.5 Datasheet HTML 4Page - Power-One HA5-1.5 Datasheet HTML 5Page - Power-One HA5-1.5 Datasheet HTML 6Page - Power-One HA5-1.5 Datasheet HTML 7Page - Power-One HA5-1.5 Datasheet HTML 8Page - Power-One HA5-1.5 Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Linear Power Supplies Data Sheet
MCD10016 Rev. 1.2, 13-Nov-09
Page 1 of 9
www.power-one.com
Power-One produces the industry’s broadest selection of
Linear power supplies with output voltages from 5 volts
through 250 volts. Rugged technology and proven design
merge to create quiet, highly-regulated, dependable
DC power.
The Linear power supplies are approved to domestic and
international regulatory standards, and are CE Marked to
the Low Voltage Directive (LVD).
• RoHS compatible for all six substances
• Worldwide AC Input Capabilities:
100/120/220/230/240 VAC
• ±0.05% Output Regulation
• Low Output Ripple
• UL, CSA, and TÜV Approvals
• Mean Time Before Failure (MTBF) in Excess of
300,000 Hours
• CE marked to Low Voltage Directive
• 100% Burn-In
• 2 Year Warranty
• Overvoltage Protection (OVP) Standard on 5V
Single Outputs, Optional for other outputs
under 48V
Features
Description
OVERVOLTAGE PROTECTION OPTIONS
These optional overvoltage protection modules are offered for use with
Power-One’s Linear power supplies. Each is user adjustable from 6.4V to 34V.
OVP SELECTION GUIDE
MODEL
CASE SIZE
OVP MODULES REQUIRED
SINGLE
B,C,N,D
(1) OVP-12G
OUTPUT
E,F
(1) OVP-24G
DUAL
AA,B,BB,CC
(1) OVP-12G protects both outputs
OUTPUT
E
(1) OVP-24G protects both outputs
TRIPLE
AA,BAA,D
(1) OVP-12G protects both 12V
OUTPUT
CBB, 131
through 15V outputs
DBB,DCC
PEAK
N,BAA,CBB
CURRENT
131
(1) OVP-12G protects any output
MODELS
not provided with built-in OVP
NOTE:
Outputs with factory built-in OVP are indicated in the Voltage/Current Rating
Chart for each model. OVP is not available for 48V through 250V models.
OVP-12G
OVP-24G
Overvoltage Protection Options


Similar Part No. - HA5-1.5

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HA5-1.5-OV-A SLPOWER-HA5-1.5-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HA5-1.5-OV-A+G SLPOWER-HA5-1.5-OV-A+G Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - HA5-1.5

ManufacturerPart #DatasheetDescription
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
Pasternack Enterprises,...
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
   Power Dividers Technical Data Sheet
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com