Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

051144-81370-4 Datasheet(PDF) 9 Page - 3M Electronics

Part # 051144-81370-4
Description  Engineered Metalworking Solutions
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

051144-81370-4 Datasheet(HTML) 9 Page - 3M Electronics

Back Button 051144-81370-4 Datasheet HTML 5Page - 3M Electronics 051144-81370-4 Datasheet HTML 6Page - 3M Electronics 051144-81370-4 Datasheet HTML 7Page - 3M Electronics 051144-81370-4 Datasheet HTML 8Page - 3M Electronics 051144-81370-4 Datasheet HTML 9Page - 3M Electronics 051144-81370-4 Datasheet HTML 10Page - 3M Electronics 051144-81370-4 Datasheet HTML 11Page - 3M Electronics 051144-81370-4 Datasheet HTML 12Page - 3M Electronics 051144-81370-4 Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
See pages 72–77 for available accessories.
5
3MFlap Discs
Type 29
227097
Type 27
227096
3MFlapDiscsofferanunbeatablesystemforgrindingandblendinginoneeasystep.Theconstructionwearsaway,exposingfresh
mineraltoextenddisclifeandprovideconsistentcutrates.Greatforweldgrinding,blending,deburring,rustremoval,surfaceprepand
edgegrindingonalltypesofmetals.AvailableinbothT29orT27constructionswithorwithoutthe5/8–11hub.
SelectFlapDiscsforextendedlifeandsingle-stepgrinding/blendingonalltypesofmetals.
Product
ID
Mineral
4-1/2" x 7/8"
4-1/2" x 5/8–11
7" x 7/8"
7" x 5/8–11
T27
T29
T27
T29
T27
T29
T27
T29
Good
546D
AluminaZirconia
577F
AluminaZirconia
Better
747D
CeramicAluminum
OxideBlend
Best
947D
Ceramic
AbrasiveGrain
631570
CoatedAbrasives
3MFlap Disc Selection Guide
624139


Similar Part No. - 051144-81370-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
051144-81235-6 3M-051144-81235-6 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-81470-1 3M-051144-81470-1 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-81471-8 3M-051144-81471-8 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-81728-3 3M-051144-81728-3 Datasheet
4Mb / 58P
   Accessories for Surface Modification
051144-81729-0 3M-051144-81729-0 Datasheet
4Mb / 58P
   Accessories for Surface Modification
More results

Similar Description - 051144-81370-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
   3M??Novec??7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
   3M??Novec??649 Engineered Fluid
72FL 3M-72FL Datasheet
133Kb / 2P
   3M??Novec??72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
   3M??Novec??72DE Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
   3M??Novec??73DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
   3M??Novec??72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
   3M??Novec??71DE Engineered Fluid
8038 3M-8038 Datasheet
19Kb / 2P
   Scotch??8038 Performance-Engineered Polyester Film
logo
Lumileds Lighting Compa...
L2C5-30801203F09P0 LUMILEDS-L2C5-30801203F09P0 Datasheet
2Mb / 15P
   Engineered for vibrant colors
20200415
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com