Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVS0.3CJ-M6 Datasheet(PDF) 11 Page - Power-One

Part # NVS0.3CJ-M6
Description  6W SMT Converter Wide Input 3.3V to 24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.3CJ-M6 Datasheet(HTML) 11 Page - Power-One

Back Button NVS0.3CJ-M6 Datasheet HTML 3Page - Power-One NVS0.3CJ-M6 Datasheet HTML 4Page - Power-One NVS0.3CJ-M6 Datasheet HTML 5Page - Power-One NVS0.3CJ-M6 Datasheet HTML 6Page - Power-One NVS0.3CJ-M6 Datasheet HTML 7Page - Power-One NVS0.3CJ-M6 Datasheet HTML 8Page - Power-One NVS0.3CJ-M6 Datasheet HTML 9Page - Power-One NVS0.3CJ-M6 Datasheet HTML 10Page - Power-One NVS0.3CJ-M6 Datasheet HTML 11Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NV DC-DC Series Data Sheet
6W SMT Converter Wide Input 3.3V to +/-24V Outputs
APR 20, 2006 revised to MAR 12, 2007
Page 11 of 11
www.power-one.com
Pinout
Ordering Information
Options
Suffixes to add to part number
RoHS lead solder exemption compliant
No RoHS suffix character required
RoHS compliant for all six substances
Add "G" as the last character of the part number.
Notes
Consult factory for the complete list of available options.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written
consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.
Function
Reference
Pin
Single Output Models
Dual Output Models
1
+Vin
+Vin
Primary
2
-Vin
-Vin
Primary
3
-Vin
-Vin
Primary
4
No Pin
No Pin
-
5
No Pin
No Pin
-
6
No Pin
No Pin
-
7
No Pin
No Pin
-
8
No Pin
No Pin
-
9
No Connection
No Connection
Secondary
10
No Connection
Vo Return / Common
Secondary
11
-Vo
-Vo
Secondary
12
-Vo
-Vo
Secondary
13
+Vo
-Vo
Secondary
14
+Vo
+Vo
Secondary
15
+Vo
+Vo
Secondary
16
-Vo
Vo Return / Common
Secondary
17
No Pin
No Pin
-
18
No Pin
No Pin
-
19
No Pin
No Pin
-
20
No Pin
No Pin
-
21
No Pin
No Pin
-
22
+Vin
+Vin
Primary
23
+Vin
+Vin
Primary
24
-Vin
-Vin
Primary


Similar Part No. - NVS0.3CJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVS0.3CJ-M6

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
DIWELL Electronics Co.,...
CW DIWELL-CW Datasheet
262Kb / 24P
   3W-6W WIDE INPUT RANGE
2013/9/6
CMW DIWELL-CMW Datasheet
420Kb / 7P
   3W-6W WIDE INPUT RANGE
2020/05/18
logo
Superworld Electronics
SW6R24S03WSMF SUPERWORLD-SW6R24S03WSMF Datasheet
165Kb / 2P
   6W Wide Input Single & Dual SMD DC-DC Converter
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com