Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVS0.9EE-M6 Datasheet(PDF) 3 Page - Power-One

Part # NVS0.9EE-M6
Description  6W SMT Converter Wide Input 3.3V to 24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.9EE-M6 Datasheet(HTML) 3 Page - Power-One

  NVS0.9EE-M6 Datasheet HTML 1Page - Power-One NVS0.9EE-M6 Datasheet HTML 2Page - Power-One NVS0.9EE-M6 Datasheet HTML 3Page - Power-One NVS0.9EE-M6 Datasheet HTML 4Page - Power-One NVS0.9EE-M6 Datasheet HTML 5Page - Power-One NVS0.9EE-M6 Datasheet HTML 6Page - Power-One NVS0.9EE-M6 Datasheet HTML 7Page - Power-One NVS0.9EE-M6 Datasheet HTML 8Page - Power-One NVS0.9EE-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NV DC-DC Series Data Sheet
6W SMT Converter Wide Input 3.3V to +/-24V Outputs
APR 20, 2006 revised to MAR 12, 2007
Page 3 of 11
www.power-one.com
Input Specifications (9-36VIN models)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100 ms
9
36
40
VDC
VDC
Input Current when Shutdown
Vin.Nom, Iout = 0 A
10
20
mADC
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.6
μF
Input Specifications (18-36VIN models)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100 ms
18
36
40
VDC
VDC
Input Current when Shutdown
Vin.Nom, Iout = 0 A
10
20
mADC
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.6
μF
Input Specifications (18-75VIN models)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100 ms
18
75
100
VDC
VDC
Input Current when Shutdown
Vin.Nom, Iout = 0 A
8
10
mADC
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.3
μF
Input Specifications (36-75VIN models)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100 ms
36
75
100
VDC
VDC
Input Current when Shutdown
Vin.Nom, Iout = 0 A
8
10
mADC
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.3
μF


Similar Part No. - NVS0.9EE-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.9EE-M6 POWER-ONE-NVS0.9EE-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVS0.9EE-M6

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
DIWELL Electronics Co.,...
CW DIWELL-CW Datasheet
262Kb / 24P
   3W-6W WIDE INPUT RANGE
2013/9/6
CMW DIWELL-CMW Datasheet
420Kb / 7P
   3W-6W WIDE INPUT RANGE
2020/05/18
logo
Superworld Electronics
SW6R24S03WSMF SUPERWORLD-SW6R24S03WSMF Datasheet
165Kb / 2P
   6W Wide Input Single & Dual SMD DC-DC Converter
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com