Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA24-0.5-AG Datasheet(PDF) 5 Page - Power-One

Part # HA24-0.5-AG
Description  Linear Power Supplies Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HA24-0.5-AG Datasheet(HTML) 5 Page - Power-One

  HA24-0.5-AG Datasheet HTML 1Page - Power-One HA24-0.5-AG Datasheet HTML 2Page - Power-One HA24-0.5-AG Datasheet HTML 3Page - Power-One HA24-0.5-AG Datasheet HTML 4Page - Power-One HA24-0.5-AG Datasheet HTML 5Page - Power-One HA24-0.5-AG Datasheet HTML 6Page - Power-One HA24-0.5-AG Datasheet HTML 7Page - Power-One HA24-0.5-AG Datasheet HTML 8Page - Power-One HA24-0.5-AG Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Linear Power Supplies Data Sheet
MCD10016 Rev. 1.2, 13-Nov-09
Page 5 of 9
www.power-one.com
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Jumper selectable, shipped factory configured for
100 VAC Tap
87
100
110
(Note 1, 2)
120VAC operation. All models must be externally
120 VAC Tap
104
120
132
VAC
fused for proper operation. Fuse ratings are marked
220 VAC Tap
191
220
242
on each unit. Consult factory for each unit’s fuse
240 VAC Tap
209
240
264
requirements.
Input Frequency
AC input.
47
63
Hz
Line Regulation
Output voltage charge for a 10% line change: F case models.
-0.01
+0.01
HAD12, HAD15.
-1.0
+1.0
%
Outputs with adjustable three terminal regulators.
-0.5
+0.5
All other models.
-0.05
+0.05
NOTES:
1) Derate output current 10% for 50Hz operation.
2) Input voltage tolerance for 230VAC operation is +15%, -10%.
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Output Adjustment
Minimum output adjustment range (Note 1).
-5
+5
%
Efficiency
5 volt outputs.
45
12 volt and 15 volt outputs.
55
%
24 volt and higher outputs.
60
F case models.
3.0
mVPK-PK
Ripple and Noise
5 volt, 12 volt, and 15 volt models.
5.0
mVPK-PK
(Note 2)
All three terminal regulator outputs.
0.2
%PK-PK
24 volt through 250 volt models.
3.0mVPK-PK plus 0.02% of output voltage, max
Load Regulation
Output change for a 50% load change: F case models.
-0.02
+0.02
HAD12, HAD15.
-1
+1
%
Outputs with adjustable three terminal regulators.
-0.5
+0.5
All other models.
-0.05
+0.05
Transient Response
Recovery time, to within 1% of initial set point due to a 50% load change.
50
μs
NOTES:
1) OUTPUT VOLTAGE ADJUSTMENTS:
Output voltage adjustments can be made to within
±5% of factory setting of nominal output voltage. Locate the “Vadj”
potentiometer on the power supply PCB and use a screwdriver to adjust the output pot. The HAD12 and HAD15 3 terminal regulator outputs are not
adjustable.
2) Full load, 20MHz bandwidth.
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL60950-1.
CSA 60950-1 “cUL”.
Approved
EN60950-1.
IEC60950-1.
Dielectric Withstand
Input to output.
3000
VAC
Voltage
Input to ground.
1500
Electromagnetic
FCC CFR title 47 Part 15 Sub-Part B - conducted.
Interference
EN55022 / CISPR 22 conducted.
Compatible with system compliance to Level B.
EN55022 / CISPR 22 radiated.
Leakage Current
Per EN60950
(264VAC)
23
50
μA
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Provided on 5 volt output units where indicated.
5.8
6.6
V
Other outputs may use optional overvoltage protectors OVP-12 and OVP-24.
Remote Sense
Total voltage compensation for cable losses with respect to the main output.
250
mV
Provided on models where indicated.
Overcurrent/Short Circuit
Automatic current limit/foldback. Rated as a percentage of output power.
115
120
140
%
Protection
Master/Slave Operation
For parallel operation of up to 6 units. Master/slave pin provided on F case models only. Contact factory for application notes.


Similar Part No. - HA24-0.5-AG

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HA24-0.5-A++ SLPOWER-HA24-0.5-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HA24-0.5-A+G SLPOWER-HA24-0.5-A+G Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - HA24-0.5-AG

ManufacturerPart #DatasheetDescription
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
Pasternack Enterprises,...
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
   Power Dividers Technical Data Sheet
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com