Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBB5-3 Datasheet(PDF) 3 Page - Power-One

Part # HBB5-3
Description  Linear Power Supplies Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBB5-3 Datasheet(HTML) 3 Page - Power-One

  HBB5-3 Datasheet HTML 1Page - Power-One HBB5-3 Datasheet HTML 2Page - Power-One HBB5-3 Datasheet HTML 3Page - Power-One HBB5-3 Datasheet HTML 4Page - Power-One HBB5-3 Datasheet HTML 5Page - Power-One HBB5-3 Datasheet HTML 6Page - Power-One HBB5-3 Datasheet HTML 7Page - Power-One HBB5-3 Datasheet HTML 8Page - Power-One HBB5-3 Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nominal
Max
Model Input
Case
Additional
Vout*
Amps
100 to 264 VAC
Type
Features & Notes
5V to 15Vout
+5, –5
1.5, 1.5
HAA5-1.5/OVP-AG
AA
A
+5, –5
3, 3
HBB5-3/OVP-AG
BB
A
+5, –5
6, 6
HCC5-6/OVP-AG
CC
A, C
5, 12 to 15
2, 0.5
HAA512-AG
AA
A
5, 12 to 15
3, 1.25
HBB512-AG
BB
A, C
5, 12 to 15
6, 2.5
HCC512-AG
CC
A, C
+12, –5*
1, 0.4
HAA15-0.8-AG
AA
C
+12, –5*
1.7, 0.7
HBB15-1.5-AG
BB
C
+12, –12
0.4, 0.4
HAD12-0.4-AG
B
B
+12, –12
1, 1
HAA15-0.8-AG
AA
C
+12, –12
1.7, 1.7
HBB15-1.5-AG
BB
C
+12, –12
3.4, 3.4
HCC15-3-AG
CC
C
+12, –12*
5, 5
HDD15-5-AG
E
C
+12, –15*
1, 0.8
HAA15-0.8-AG
AA
C
+12, –15*
1.7, 1.5
HBB15-1.5-AG
BB
C
+12, –15*
3.4, 3
HCC15-3-AG
CC
C
+12, –15*
5, 5
HDD15-5-AG
E
C
+15, –5*
0.8, 0.4
HAA15-0.8-AG
AA
C
+15, –5*
1.5, 0.7
HBB15-1.5-AG
BB
C
+15, –12*
0.8, 1
HAA15-0.8-AG
AA
C
+15, –12*
1.5, 1.7
HBB15-1.5-AG
BB
C
+15, –12*
3, 3.4
HCC15-3-AG
CC
C
15, –12*
5, 5
HDD15-5-AG
E
C
15V to 24Vout
+15, –15
0.4, 0.4
HAD15-0.4-AG
B
B
+15, –15
0.8, 0.8
HAA15-0.8-AG
AA
C
+15, –15*
1.5, 1.5
HBB15-1.5-AG
BB
C
+15, –15*
3, 3
HCC15-3-AG
CC
C
+15, –15
5, 5
HDD15-5-AG
E
C
+24, –24
0.6, 0.6
HAA24-0.6-AG
AA
+24, –24
1.2, 1.2
HBB24-1.2-AG
BB
+24, –24
2.4, 2.4
HCC24-2.4-AG
CC
C
Linear Power Supplies Data Sheet
MCD10016 Rev. 1.2, 13-Nov-09
Page 3 of 9
www.power-one.com
(See Additional Features Column)
A
Overvoltage protection, set at 6.2 V ±0.4 V.
B
Non-adjustable 3-terminal regulator.
C
Remote sense provided.
D
With output inhibit and parallel
operation master/slave capability.
E
With output inhibit.
F
Adjustable 3-terminal regulator.
G
Can be made into an isolated output by
removing jumper W1.
H
Model requires 100 LFM forced-air
cooling above 75% of rated output
power at 50 degrees C.
Case
Dimensions
Type
(Inches)
AA
6.50 x 4.00 x 2.10
B
4.87 x 4.00 x 2.10
BAA
10.25 x 4.00 x 2.95
BB
7.00 x 4.87 x 2.95
C
5.62 x 4.87 x 2.95
CBB
11.00 x 4.87 x 3.28
CC
9.38 x 4.87 x 3.28
CP131
11.00 x 4.87 x 3.28
D
9.00 x 4.87 x 3.28
DBB
14.25 x 4.87 x 3.38
DCC
15.00 x 4.88 x 4.55
E
14.00 x 4.87 x 3.53
F
16.75 x 4.88 x 5.00
N
7.00 x 4.87 x 3.28
Case
Dimensions
Type
(Millimeters)
AA
165.10 x 101.60 x 53.34
B
123.70 x 101.60 x 53.34
BAA
260.35 x 101.60 x 74.93
BB
177.80 x 123.70 x 74.93
C
142.75 x 123.70 x 74.93
CBB
279.40 x 123.70 x 83.31
CC
238.25 x 123.70 x 83.31
CP131
279.40 x 123.70 x 83.31
D
228.60 x 123.70 x 83.31
DBB
361.95 x 123.70 x 85.85
DCC
381.00 x 123.95 x 115.57
E
355.60 x 123.70 x 89.66
F
425.50 x 123.95 x 127.00
N
177.80 x 123.70 x 83.31
Unsigned output voltages are isolated and can be used as either + or - polarities.
* May require jumpering or potentiometer adjustment.


Similar Part No. - HBB5-3

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HBB5-3-OV-A++ SLPOWER-HBB5-3-OV-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HBB5-3-OV-A+G SLPOWER-HBB5-3-OV-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
More results

Similar Description - HBB5-3

ManufacturerPart #DatasheetDescription
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000 Datasheet
259Kb / 12P
   Linear Amplifier MMIC Data Sheet - Rev 2.3
logo
Pasternack Enterprises,...
PE20DV1035 PASTERNACK-PE20DV1035 Datasheet
462Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0023 PASTERNACK-PE20S0023 Datasheet
614Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0024 PASTERNACK-PE20S0024 Datasheet
491Kb / 5P
   Power Dividers Technical Data Sheet
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
PE20S0022 PASTERNACK-PE20S0022 Datasheet
433Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com