Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-006B-SMT Datasheet(PDF) 2 Page - CUI INC

Part # PJ-006B-SMT
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-006B-SMT Datasheet(HTML) 2 Page - CUI INC

  PJ-006B-SMT Datasheet HTML 1Page - CUI INC PJ-006B-SMT Datasheet HTML 2Page - CUI INC PJ-006B-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-006B-SMT │ DESCRIPTION: DC POWER JACK
date
08/30/2013 │ page 2 of 3
PCB LAYOUT
TOP VIEW
3
2
1
14.27 0.56
2.50 0.10
0.35
R
9.00
0.09
2.25
0.25
6.25
6.30 0.25
0.80 0.03
0.52
13.20
0.43
10.90
0.56
14.10
10.60 0.42
4.20 0.17
4.50 0.18
1.25 0.05
4.75 0.19
3
(2 PLCS)
5.00X4.50
2
1
4.50X4.90
5.0 0.20
3.85 0.15
4.80 0.19
2.65 0.10
6.25 0.25
2
3
1
2.00 0.08
(2 PLCS)
2.25 0.09
1.25 0.05
0.18
4.55
0.10
(2 PLCS)
2.50
0.35
9.00
4.50 0.18
3.10 0.12
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper alloy
nickel plated
terminal 1
copper alloy
silver plated
terminal 2
copper alloy
silver plated
terminal 3
copper alloy
silver plated
plastic (housing)
LCP
plastic (bottom cover)
PA10T
units: mm[inches]
tolerance:
X.X ±0.3mm
X.XX ±0.2mm
SCHEMATIC
Model
PJ-006B-SMT
Center Pin
Ø2.5 mm
Note:
All specifications measured at 5~35°C, humidity at 40~85%, under standard atmospheric pressure, unless otherwise noted.
MATING PLUG
Jack Insertion Depth: 8.95mm


Similar Part No. - PJ-006B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
More results

Similar Description - PJ-006B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com