Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRITEVAR16 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # WRITEVAR16
Description  MC3PHAC Monolithic Intelligent Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

WRITEVAR16 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button WRITEVAR16 Datasheet HTML 2Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 3Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 4Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 5Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 6Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 7Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 8Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 9Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
6
Freescale Semiconductor
Pin Descriptions
Pin Descriptions
Table 2 is a pin-by-pin functional description of the MC3PHAC. The pin numbers in the table refer to the
28-pin packages (see Figure 2).
Table 2. MC3PHAC Pin Descriptions (Sheet 1 of 2)
Pin
Number
Pin Name
Pin Function
1VREF
Reference voltage input for the on-chip ADC. For best signal-to-noise
performance, this pin should be tied to VDDA (analog).
2
RESET
A logic 0 on this pin forces the MC3PHAC to its initial startup state. All
PWM outputs are placed in a high-impedance mode. Reset is a
bidirectional pin, allowing a reset of the entire system. It is driven low
when an internal reset source is asserted (for example, loss of clock or
low VDD).
3VDDA
Provides power for the analog portions of the MC3PHAC, which include
the internal clock generation circuit (PLL) and the ADC
4VSSA
Returns power for the analog portions of the MC3PHAC, which include
the internal clock generation circuit (PLL) and the ADC
5OSC2
Oscillator output used as part of a crystal or ceramic resonator clock
circuit.(1)
6OSC1
Oscillator input used as part of a crystal or ceramic resonator clock
circuit. Can also accept a signal from an external canned oscillator.(1)
7PLLCAP
A capacitor from this pin to ground affects the stability and reaction time
of the PLL clock circuit. Smaller values result in faster tracking of the
reference frequency. Larger values result in better stability. A value of
0.1
µF is typical.
8
PWMPOL_BASEFREQ
Input which is sampled at specific moments during initialization to
determine the PWM polarity and the base frequency (50 or 60 Hz)
9
PWM_U_TOP
PWM output signal for the top transistor driving motor phase U
10
PWM_U_BOT
PWM output signal for the bottom transistor driving motor phase U
11
PWM_V_TOP
PWM output signal for the top transistor driving motor phase V
12
PWM_V_BOT
PWM output signal for the bottom transistor driving motor phase V
13
PWM_W_TOP
PWM output signal for the top transistor driving motor phase W
14
PWM_W_BOT
PWM output signal for the bottom transistor driving motor phase W
15
FAULTIN
A logic high on this input will immediately disable the PWM outputs. A
retry timeout interval will be initiated once this pin returns to a logic low
state.
16
PWMFREQ_RxD
In standalone mode, this pin is an output that drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the
desired PWM frequency. In PC master software mode, this pin is an
input which receives UART serial data.


Similar Part No. - WRITEVAR16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WRI ETC1-WRI Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
WRI2721-D5 ETC1-WRI2721-D5 Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
WRI2731-D5 ETC1-WRI2731-D5 Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
WRI3012-D5 ETC1-WRI3012-D5 Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
WRI3031-D5 ETC1-WRI3031-D5 Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
More results

Similar Description - WRITEVAR16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3PHACVPE FREESCALE-MC3PHACVPE Datasheet
423Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
   Intelligent Triple Stepper Motor Controller
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
   Intelligent Triple Stepper Motor Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
   Intelligent Triac Controller
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com