Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V6-AU Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZX84C3V6-AU
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C3V6-AU Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZX84C3V6-AU Datasheet HTML 1Page - Pan Jit International Inc. BZX84C3V6-AU Datasheet HTML 2Page - Pan Jit International Inc. BZX84C3V6-AU Datasheet HTML 3Page - Pan Jit International Inc. BZX84C3V6-AU Datasheet HTML 4Page - Pan Jit International Inc. BZX84C3V6-AU Datasheet HTML 5Page - Pan Jit International Inc. BZX84C3V6-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
June 14,2011-REV.02
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
V Z @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom. V
Min. V
Max. V
Ω
mA
Ω
mA
μA
V
410 mWatts Zener Diodes
2.4
2.28
2.52
100
5.0
600
1.00
50
1.0
W1
2.7
2.57
2.84
100
5.0
600
1.00
20
1.0
W2
3
2.85
3.15
95
5.0
600
1.00
10
1.0
W3
3.3
3.14
3.47
95
5.0
600
1.00
5.0
1.0
W4
3.6
3.42
3.78
90
5.0
600
1.00
5.0
1.0
W5
3.9
3.71
4.10
90
5.0
600
1.00
3.0
1.0
W6
4.3
4.09
4.52
90
5.0
600
1.00
3.0
1.0
W7
4.7
4.47
4.94
80
5.0
500
1.00
3.0
2.0
W8
5.1
4.85
5.36
60
5.0
480
1.00
2.0
2.0
W9
5.6
5.32
5.88
40
5.0
400
1.00
1.0
2.0
WA
6.2
5.89
6.51
10
5.0
150
1.00
3.0
4.0
WB
6.8
6.46
7.14
15
5.0
80
1.00
2.0
4.0
WC
7.5
7.13
7.88
15
5.0
80
1.00
1.0
5.0
WD
8.2
7.79
8.61
15
5.0
80
1.00
0.7
5.0
WE
8.7
8.27
9.14
15
5.0
100
1.00
0.7
5.0
87C
9.1
8.65
9.56
15
5.0
100
1.00
0.5
6.0
WF
10
9.50
10.50
20
5.0
150
1.00
0.2
7.0
WG
11
10.45
11.55
20
5.0
150
1.00
0.1
8.0
WH
12
11.40
12.60
25
5.0
150
1.00
0.1
8.0
WI
13
12.35
13.65
30
5.0
170
1.00
0.1
8.0
WK
14
13.30
14.70
30
5.0
170
1.00
0.1
10.0
WJ
15
14.25
15.75
30
5.0
200
1.00
0.1
10.5
WL
16
15.20
16.80
40
5.0
200
1.00
0.1
11.2
WM
17
16.15
17.85
40
5.0
200
1.00
0.1
12.2
17C
18
17.10
18.90
45
5.0
225
1.00
0.1
12.6
WN
20
19.00
21.00
55
5.0
225
1.00
0.1
14.0
WO
22
20.90
23.10
55
5.0
250
1.00
0.1
15.4
WP
24
22.80
25.20
70
5.0
250
1.00
0.1
16.8
WR
27
25.65
28.35
80
5.0
300
1.00
0.1
18.9
WS
28
26.60
29.40
80
5.0
300
1.00
0.1
20.5
28C
30
28.50
31.50
80
5.0
300
1.00
0.1
21.0
WT
33
31.35
34.65
80
5.0
325
1.00
0.1
23.1
WU
36
34.20
37.80
90
5.0
350
1.00
0.1
25.2
WW
39
37.05
40.95
130
5.0
350
1.00
0.1
27.3
WX
43
40.85
45.15
150
5.0
375
1.00
0.1
30.1
WY
47
44.65
49.35
170
5.0
375
1.00
0.1
32.9
WZ
51
48.45
53.55
100
5.0
400
1.00
0.1
38.0
XA
56
53.20
58.80
135
2.5
1000
1.00
0.1
42.0
X2
62
58.90
65.10
150
2.5
1000
1.00
0.1
46.0
X3
68
64.60
71.40
200
2.5
1000
1.00
0.1
51.0
X4
75
71.25
78.75
250
2.5
1000
1.00
0.1
56.0
X5
BZX84C2V4-AU
BZX84C2V7-AU
BZX84C3-AU
BZX84C3V3-AU
BZX84C3V6-AU
BZX84C3V9-AU
BZX84C4V3-AU
BZX84C4V7-AU
BZX84C5V1-AU
BZX84C5V6-AU
BZX84C6V2-AU
BZX84C6V8-AU
BZX84C7V5-AU
BZX84C8V2-AU
BZX84C8V7-AU
BZX84C9V1-AU
BZX84C10-AU
BZX84C11-AU
BZX84C12-AU
BZX84C13-AU
BZX84C14-AU
BZX84C15-AU
BZX84C16-AU
BZX84C17-AU
BZX84C18-AU
BZX84C20-AU
BZX84C22-AU
BZX84C24-AU
BZX84C27-AU
BZX84C28-AU
BZX84C30-AU
BZX84C33-AU
BZX84C36-AU
BZX84C39-AU
BZX84C43-AU
BZX84C47-AU
BZX84C51-AU
BZX84C56-AU
BZX84C62-AU
BZX84C68-AU
BZX84C75-AU
BZX84C2V4
SERIES


Similar Part No. - BZX84C3V6-AU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V6- VISHAY-BZX84C3V6- Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
logo
Diodes Incorporated
BZX84C3V6-7-F DIODES-BZX84C3V6-7-F Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
logo
Vishay Siliconix
BZX84C3V6-G VISHAY-BZX84C3V6-G Datasheet
125Kb / 8P
   Silicon planar Zener diodes
Rev. 1.2, 28-Feb-13
logo
Micro Commercial Compon...
BZX84C3V6-TP MCC-BZX84C3V6-TP Datasheet
312Kb / 6P
   Silicon 350 mWatt Zener Diodes
logo
Vishay Siliconix
BZX84C3V6-V VISHAY-BZX84C3V6-V Datasheet
452Kb / 10P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
More results

Similar Description - BZX84C3V6-AU

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com