Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52-B5V1FN2-AU_A_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BZT52-B5V1FN2-AU_A_00001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-B5V1FN2-AU_A_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 1Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 2Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 3Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 4Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 5Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_A_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 28,2011-REV.00
BZT52-B5V1FN2
-AU SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
5.1~5.6 Volts
POWER
250 mWatts
MECHANICAL DATA
• Case: DFN-2L, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0011 grams , 0.00004 ounces
• Mounting Position: Any
• Polarity:Color band denotes cathode end
MAXIMUM RATINGS (TA=25
o
C unless otherwise noted)
NOTES:
1.Mounted on mimimum pad layout .
Parameter
Symbol
Value
Units
Power Dissipation
PD
250
mW
Thermal resistance Junction to Ambient ( Note 1)
RΘJA
500
O
C/W
Operating Junction Temperature and StorageTemperature Range
TJ
-55 to +150
O
C
1
Cathode
2
Anode
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom. V
Min. V
Max. V
Ω
mA
Ω
mA
μA
V
250 mWatts Zener Diodes
5.1
5.00
5.20
60
5.0
480
1.00
2
2
W9
5.6
5.49
5.71
40
5.0
400
1.00
1
2
WA
PIN NO.1
IDENTIFICATION
0.002(0.05)MAX.
0.013(0.32)
0.008(0.22)
0.042(1.05)
0.037(0.95)
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
FEATURES
• Planar Die construction
• 250mW Power Dissipation
• Zener Voltages from 5.1-5.6V
• Ideally Suited for Automated Assembly Processes
Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std. . (Halogen Free)
Acqire quality system certificate : TS16949
AEC-Q101 qualified
BZT52-B5V1FN2-AU
BZT52-B5V6FN2-AU


Similar Part No. - BZT52-B5V1FN2-AU_A_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
96Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
75Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nexperia B.V. All right...
BZT52-B5V1 NEXPERIA-BZT52-B5V1 Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
BZT52-B5V1-Q NEXPERIA-BZT52-B5V1-Q Datasheet
314Kb / 12P
   Voltage regulator diodes
Rev. 1 - 29 March 2023
logo
Pan Jit International I...
BZT52-B5V1S PANJIT-BZT52-B5V1S Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-B5V1FN2-AU_A_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com