Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847-AU_R0_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC847-AU_R0_00001
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847-AU_R0_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC847-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 6Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 7Page - Pan Jit International Inc. BC847-AU_R0_00001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PAGE . 2
August 5,2013-REV.06
BC846-AU,BC847-AU,BC848-AU,BC849-AU,BC850-AU SERIES
ELECTRICAL CHARACTERISTICS
NPN
Para m e te r
S ym bo l
Te s t C o nd i ti o n
M IN.
TYP.
M AX.
Uni ts
C o lle c to r - E m i tte r
B rea kd own Vo lta g e
BC84 6A-A U/B-AU
BC84 7A-A U/B-AU/C - A U,BC 8 5 0 B - A U/C-AU
BC84 8A-A U/B-AU/C - A U,BC 8 4 9 B - A U/C-AU
V (BR)CEO
IC =10 m A , IB =0
65
45
30
--
V
C o lle ctor - B a se
B rea kd own Vo lta g e
BC84 6A-A U/B-AU
BC84 7A-A U/B-AU/C - A U,BC 8 5 0 B - A U/C-AU
BC84 8A-A U/B-AU/C - A U,BC 8 4 9 B - A U/C-AU
V (BR)CBO
IC =10 uA , IE = 0
80
50
30
--
V
Em i tte r - Ba s e
B rea kd own Vo lta g e
BC84 6A-A U/B-AU
BC84 7A-A U/B-AU/C - A U,BC 8 5 0 B - A U/C-AU
BC84 8A-A U/B-AU/C - A U,BC 8 4 9 B - A U/C-AU
V (BR)EBO
IE = 1 0uA, IC = 0
6
6
5
--
V
Em i tte r -Ba se Cuto ff
Curr e nt
IEBO
VEB=5
-
-
1 0 0
nA
C o lle ctor-B ase
Cuto ff Curr e nt
ICBO
VCB= 3 0 V, IE =0
VCB= 3 0 V, IE =0 ,TJ=1 5 0 OC
--
15
5
nA
A
DC Curre nt Ga i n
BC84 6-AU~ B C84 8 -A U Suffi x " A "
BC84 6-AU~ B C85 0 -A U Suffi x " B "
BC84 7-AU~ B C85 0 -A U Suffi x " C "
h
FE
IC =1 0 uA, VCE= 5 V
-
90
15 0
27 0
--
DC Curre nt Ga i n
BC84 6-AU~ B C84 8 -A U Suffi x " A "
BC84 6-AU~ B C85 0 -A U Suffi x " B "
BC84 7-AU~ B C85 0 -A U Suffi x " C "
h
FE
IC =2 m A , VCE= 5 V
11 0
20 0
42 0
18 0
29 0
52 0
22 0
45 0
80 0
-
C o lle c to r - E m i tte r
S a tura ti o n Vo lta g e
V CE(S AT)
IC =1 0 m A , IB =0 .5 m A
IC =1 0 0 m A , IB = 5 m A
--
0.2 5
0.6
V
Ba s e - Em i tte r
S a tura ti o n Vo lta g e
V BE(SAT)
IC =1 0 m A , IB =0 .5 m A
IC =1 0 0 m A , IB = 5 m A
-
0.7
0.9
-V
Ba s e - Em i tte r
Vo lta g e
V BE(ON)
IC =2 m A , VCE= 5 V
IC =1 0 m A, VC E=5V
0.5 8
-
0.6 6
-
0.7 0
0.7 7
V
C o lle ctor - B a se
Cap a c i ta nc e
C CB O
VCB= 1 0 V, IE =0 , f=1M Hz
-
-
4.5
p F


Similar Part No. - BC847-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC847-A-AE3-R UTC-BC847-A-AE3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC847-A-AL3-R UTC-BC847-A-AL3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC847-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com