Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BW-AU_R2_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC856BW-AU_R2_10001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856BW-AU_R2_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC856BW-AU_R2_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC856BW-AU_R2_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC856BW-AU_R2_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC856BW-AU_R2_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC856BW-AU_R2_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC856BW-AU_R2_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
April 23,2013-REV.03
BC856BW-AU ~ BC857CW-AU
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
THERMAL CHARACTERISTICS
Note : 2.Mounted on an FR4 PCB, single-sided copper, mini pad.
3.Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area
PARAMETER
Symbol
Value
Units
Thermal Resistance
(Note 2)
(Note 3)
R
JA
R
JC
500
200
OC/W
PA RA M E TE R
S ym b o l
M IN .
TYP.
M A X .
Uni t s
C o lle c t or - E m i t te r B r eak down Vo lt age
(I
C = - 10m A , IB =0 )
B C 856B W - A U
B C 857AW - A U/B W - A U/C W - A U
V
(B R) CE O
-6 5
-4 5
--
V
C o lle c t or - B a s e B r eak down Vo lt age
(I
C =- 1 0  A, IE =0 )
B C 856B W - A U
B C 857AW - A U/B W - A U/C W - A U
V
(B R) CB O
-8 0
-5 0
--
V
E m i tt e r - B a s e B r eak down Vo lt age
(I
E =- 1 u A , IC =0 )
V
(B R) EBO
- 5
-
-
V
E m i tte r- B a s e C uto ff C urr e nt
(V
EB =- 5 V )
I
EBO
-
-
- 100
nA
C o lle c t or - B as e C ut o f f C ur r ent
(V
CB = - 30V , IE =0 )
T
J =2 5
O C
T
J = 150
O C
I
CB O
--
-1 5
-4
nA
A
DC C ur r e nt G a i n
(I
C =- 1 0  A, V CE =- 5 V )
B C 857AW - A U
B C 856B W - A U/ B C 857 B W - A U
B C 857C W - A U
h
FE
-
90
150
270
--
DC C ur r e nt G a i n
(I
C = - 2. 0m A , V CE =- 5 V )
B C 857AW - A U
B C 856B W - A U/ B C 857 B W - A U
B C 857C W - A U
h
FE
11 0
200
420
180
290
520
220
450
800
-
C o lle c t or - E m i t te r S a t ur a t i on Vo lt age
(I
C = - 10m A , IB = - 0. 5m A )
(I
C = - 100m A , IB = - 5. 0m A )
V
CE ( S AT )
-
-
-
-
-0 .3
-0 .6 5
V
Ba se - Em it t e r Sa tur a ti o n Vo lt a g e
(I
C = - 10m A , IB = - 0. 5m A )
(I
C = - 100m A , IB = - 5. 0m A )
V
BE ( S A T)
-
-
-0 .7
-0 .9
-
-
V
Ba se - Em it t e r Vo lt a g e
(I
C =- 2 m A , V CE = - 5. 0V )
(I
C = - 10m A , V CE = - 5. 0V )
V
BE ( ON )
-0 .6 0
-
-
-
-0 .7 5
-0 .8 2
V
C o lle c t or - B a s e C apac i t anc e
( V
CB = - 10V , IE =0 , f = 1 M H Z )C CB
--
4 . 5
p F
C ur r ent - G a i n- B a ndwi d t h P r oduct
(I
C = - 10m A , V CE = - 5. 0V , f = 100M H Z)
F.
-
200
-
M H
Z


Similar Part No. - BC856BW-AU_R2_10001

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC856BW-AQ DIOTEC-BC856BW-AQ Datasheet
125Kb / 2P
   SMD General Purpose PNP Transistors
More results

Similar Description - BC856BW-AU_R2_10001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com