Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER2DAF-AU_R_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER2DAF-AU_R_00001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2DAF-AU_R_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER2DAF-AU_R_00001 Datasheet HTML 1Page - Pan Jit International Inc. ER2DAF-AU_R_00001 Datasheet HTML 2Page - Pan Jit International Inc. ER2DAF-AU_R_00001 Datasheet HTML 3Page - Pan Jit International Inc. ER2DAF-AU_R_00001 Datasheet HTML 4Page - Pan Jit International Inc. ER2DAF-AU_R_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
October 19,2012-REV.00
ER2DAF-AU
RATING AND CHARACTERISTIC CURVES
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.001
0.01
0.1
1
10
20
40
60
80
100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = 75°C


Similar Part No. - ER2DAF-AU_R_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2DAF PANJIT-ER2DAF Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
ER2DAF SUNMATE-ER2DAF Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Pan Jit International I...
ER2DAF_R1_00001 PANJIT-ER2DAF_R1_00001 Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
ER2DAF_R2_00001 PANJIT-ER2DAF_R2_00001 Datasheet
288Kb / 5P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - ER2DAF-AU_R_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com