Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701SDDZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDDZ
Description  10Gb/1Gb Ethernet, 1310nm SFP Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDDZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-701SDDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Electromagnetic Interference (EMI)
Equipment incorporating 10 gigabit transceivers is
typically subject to regulation by the FCC in the United
States, CENELEC EN55022 (CISPR 22) in Europe and VCCI
in Japan. The AFCT-701SDDZ enables equipment com-
pliance to these standards detailed in Table 1. The metal
housing and shielded design of the AFCT-701SDDZ min-
imizes the EMI challenge facing the equipment designer.
For superior EMI performance it is recommended that
equipment designs utilize SFP+ cages per SFF 8432.
RF Immunity (Susceptibility)
Due to its shielded design, the EMI immunity of the
AFCT-701SDDZ exceeds typical industry standards.
Eye Safety
The AFCT-701SDDZ provides Class 1 (single fault
tolerant) eye safety by design and has been tested for
compliance with the requirements listed in Table 1. The
eye safety circuit continuously monitors the optical
output power level and will disable the transmitter upon
detecting a condition beyond the scope of Class 1 certi-
fication Such conditions can be due to inputs from the
host board (Vcc fluctuation, unbalanced code) or a fault
within the transceiver. US CDRH and EU TUV certificates
are listed in table 1.
Flammability
The AFCT-701SDDZ optical transceiver is made of metal
and high strength, heat resistant, chemical resistant and
UL 94V-0 flame retardant plastic.
Regulatory Compliance
The AFCT-701SDDZ complies with all applicable laws
and regulations as detailed in Table 1. Certification level
is dependent on the overall configuration of the host
equipment. The transceiver performance is offered as a
figure of merit to assist the designer.
Electrostatic Discharge (ESD)
The AFCT-701SDDZ is compatible with ESD levels found
in typical manufacturing and operating environments
as described in Table 1. In the normal handling and
operation of optical transceivers, ESD is of concern in
two circumstances.
The first case is during handling of the transceiver pri-
or to insertion into an SFP compliant cage. To protect
the device, it’s important to use normal ESD handling
pre-cautions. These include use of grounded wrist
straps, work-benches and floor wherever a transceiver is
handled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after installation.
If the optical interface is exposed to the exterior of host
equipment cabinet, the transceiver may be subject to
system level ESD requirements.


Similar Part No. - AFCT-701SDDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-701SDDZ BOARDCOM-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDDZ AVAGO-AFCT-701SDDZ_15 Datasheet
268Kb / 20P
   SFP Transceiver
More results

Similar Description - AFCT-701SDDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-701SDDZ BOARDCOM-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
   10Gb/1Gb Ethernet, 850nm SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
Broadcom Corporation.
AFCT-5725PZ BOARDCOM-AFCT-5725PZ Datasheet
43Kb / 2P
   1.25GBd Ethernet, 1310nm, 1000Base-LX SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5725PZ AVAGO-AFCT-5725PZ Datasheet
43Kb / 2P
   1.25GBd Ethernet, 1310nm, 1000Base-LX SFP Transceiver
logo
Broadcom Corporation.
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Finisar Corporation.
FTLX1772M3BCL FINISAR-FTLX1772M3BCL Datasheet
763Kb / 11P
   10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com