Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EST1GF_F2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # EST1GF_F2_00001
Description  SUPERFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

EST1GF_F2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  EST1GF_F2_00001 Datasheet HTML 1Page - Pan Jit International Inc. EST1GF_F2_00001 Datasheet HTML 2Page - Pan Jit International Inc. EST1GF_F2_00001 Datasheet HTML 3Page - Pan Jit International Inc. EST1GF_F2_00001 Datasheet HTML 4Page - Pan Jit International Inc. EST1GF_F2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
EST1GF
July 16,2013-REV.00
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228
• Super fast recovery times, high voltage
• Ultra Thin Profile Package for Space Constrained Utilization
• Package suitable for Automated Handling
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
400 Volts
1 Amperes
CURRENT
MECHANICAL DATA
Case : SMAF Molded Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Standard packaging : 12mm tape (EIA-481)
Weight : 0.0011 ounces, 0.0328 grams
Marking : EST1GF
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
1
2
Cathode
Anode
Note:1.Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
3.Reverse Recovery Test Conditions : I
F=0.5A, I R=1A, Recover to 0.25A.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum recurrent peak reverse voltage
VRRM
400
V
Maximum rms voltage
VRMS
280
V
Maximum dc blocking voltage
VR
400
V
Maximum average forward rectified current
I F(AV)
1A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
I FSM
30
A
Maximum forward voltage at 1A
VF
1.25
V
Maximum dc reverse current
I R
1
A
Typical junction capacitance
Measured at 1MHz and applied VR=4V
CJ
16
pF
Typical thermal resistance
(Note 1)
(Note 2)
RJL
RJA
20
150
oC/W
Maximum reverse recovery time
(Note 3)
TRR
25
nS
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC


Similar Part No. - EST1GF_F2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EST1GF PANJIT-EST1GF Datasheet
142Kb / 5P
   Plastic package has Underwriters Laboratory
More results

Similar Description - EST1GF_F2_00001

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
SF11 SEMTECH_ELEC-SF11 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com