Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5971LZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5971LZ
Description  Single Mode Laser Small Form Factor Fast Ethernet Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5971LZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5971LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5971LZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Table 1: Regulatory Compliance - Targeted Specification
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883
Method 3015
Class 1 (>500 V).
Electrostatic Discharge (ESD)
to the LC Receptacle
Variation of IEC 1000-4-2
Tested to 8 kV contact discharge.
Electromagnetic Interference
(EMI)
FCC Class B
Margins are dependent on customer board and chassis
designs.
Immunity
Variation of IEC 1000-4-3
Typically show no measurable effect from a
10 V/m field swept from 27 to 1000 MHz applied to the
transceiver without a chassis enclosure.
Laser Eye Safety
and Equipment Type Testing
FDA CDRH 21-CFR 1040
Class 1
IEC 0825-1
Amendment 2 2001-01
Accession Number: 9521220-133
License Number:
933/21203530/05
Component
Recognition
Underwriters Laboratories and
Canadian Standards Association Joint
Component Recognition for Informa-
tion Technology Equipment Includ-
ing Electrical Business Equipment.
UL File Number: E173874
Electrostatic Discharge (ESD)
There are two design cases in which immunity to ESD
damage is important.
The first case is during handling of the transceiver prior
to mounting it on the circuit board. It is important to use
normal ESD handling precautions for ESD sensitive de-
vices. These precautions include using grounded wrist
straps, work benches, and floor mats in ESD controlled
areas.
The second case to consider is static discharges to the
exterior of the equipment chassis containing the trans-
ceiver parts. To the extent that the LC connector recep-
tacle is exposed to the outside of the equipment chassis
it may be subject to whatever system-level ESD test cri-
teria that the equipment is intended to meet.
Electromagnetic Interference (EMI)
Most equipment designs utilizing these high-speed
transceivers from Avago Technologies will be required
to meet FCC regulations in the United States, CENELEC
EN55022 (CISPR 22) in Europe and VCCI in Japan. Refer
to EMI section (page 9) for more details.
Immunity
Transceivers will be subject to radio-frequency elec-
tromagnetic fields following the IEC 1000-4-3 test
method.
Eye Safety
These laser-based transceivers are classified as AEL Class
I (U.S. 21 CFR(J) and AEL Class 1 per EN 0825-1 (+A11).
They are eye safe when used within the data sheet limits
per CDRH. They are also eye safe under normal operat-
ing conditions and under all reasonably foreseeable
single fault conditions per EN0825-1. Avago Technolo-
gies has tested the transceiver design for compliance
with the requirements listed below under normal
operating conditions and under single fault conditions
where applicable. TUV Rheinland has granted certifica-
tion to these transceivers for laser eye safety and use in
EN 0825-2 applications. Their performance enables the
transceivers to be used without concern for eye safety
up to 3.5 V transmitter V
CC.
CAUTION:
There are no user serviceable parts nor any mainte-
nance required for the AFCT-5971LZ/ALZ. All adjust-
ments are made at the factory before shipment to our
customers. Tampering with or modifying the perform-
ance of the parts will result in voided product warranty.
It may also result in improper operation of the circuitry,
and possible overstress of the laser source. Device deg-
radation or product failure may result.
Connection of the devices to a non-approved optical
source, operating above the recommended absolute
maximum conditions or operating the AFCT-5971LZ/
ALZ in a manner inconsistent with its design and func-
tion may result in hazardous radiation exposure and
may be considered an act of modifying or manufac-
turing a laser product. The person(s) performing such
an act is required by law to recertify and reidentify
the laser product under the provisions of U.S. 21 CFR
(Subchapter J).


Similar Part No. - AFCT-5971LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
More results

Similar Description - AFCT-5971LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com