Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C12P-AU_T1_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BZD27C12P-AU_T1_10001
Description  VOLTAGE REGULATOR DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZD27C12P-AU_T1_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BZD27C12P-AU_T1_10001 Datasheet HTML 1Page - Pan Jit International Inc. BZD27C12P-AU_T1_10001 Datasheet HTML 2Page - Pan Jit International Inc. BZD27C12P-AU_T1_10001 Datasheet HTML 3Page - Pan Jit International Inc. BZD27C12P-AU_T1_10001 Datasheet HTML 4Page - Pan Jit International Inc. BZD27C12P-AU_T1_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-JAN.12.2007
BZD27C12P-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.167
(4.25)
0.106
(2.70)
0.031
(0.78)


Similar Part No. - BZD27C12P-AU_T1_10001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZD27C12P-GS08 VISHAY-BZD27C12P-GS08 Datasheet
150Kb / 9P
   Zener Diodes with Surge Current Specification
Rev. 1.8, 13-Apr-05
BZD27C12P-GS18 VISHAY-BZD27C12P-GS18 Datasheet
150Kb / 9P
   Zener Diodes with Surge Current Specification
Rev. 1.8, 13-Apr-05
BZD27C12P-M VISHAY-BZD27C12P-M Datasheet
112Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 29-Nov-11
BZD27C12P-M VISHAY-BZD27C12P-M Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.6.,18-Mar-15
BZD27C12P-M VISHAY-BZD27C12P-M Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.3, 26-Feb-2021
More results

Similar Description - BZD27C12P-AU_T1_10001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com