Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848-AU_A0_00001 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # BC848-AU_A0_00001
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC848-AU_A0_00001 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  BC848-AU_A0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 6Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 7Page - Pan Jit International Inc. BC848-AU_A0_00001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PAGE . 6
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
SOT-23
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)
Unit
inch(mm)
August 5,2013-REV.06
BC846-AU,BC847-AU,BC848-AU,BC849-AU,BC850-AU SERIES


Similar Part No. - BC848-AU_A0_00001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC848-A-AE3-R UTC-BC848-A-AE3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848-A-AL3-R UTC-BC848-A-AL3-R Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC848-AU_A0_00001

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com