Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4TW-AU_S0_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BZX84C2V4TW-AU_S0_00001
Description  TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX84C2V4TW-AU_S0_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BZX84C2V4TW-AU_S0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BZX84C2V4TW-AU_S0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BZX84C2V4TW-AU_S0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BZX84C2V4TW-AU_S0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BZX84C2V4TW-AU_S0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE .
4
Part No_packing code_Version
BZX84C2V4TW-AU_R1_000A1
BZX84C2V4TW-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
BZX84C2V4TW-AU~BZX84C75TW-AU
October 05,2011-REV.01


Similar Part No. - BZX84C2V4TW-AU_S0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C2V4TW PANJIT-BZX84C2V4TW Datasheet
106Kb / 3P
   TRIPLE ISOLATED 200mW ZENERS
More results

Similar Description - BZX84C2V4TW-AU_S0_00001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMKZ5221B CENTRAL-CMKZ5221B_10 Datasheet
556Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
CMXSH-3 CENTRAL-CMXSH-3_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXSH-3 CENTRAL-CMXSH-3_15 Datasheet
568Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXD4448 CENTRAL-CMXD4448_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com