Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-247 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-247
Description  DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-247 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-247 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-247 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACPL-227 / ACPL-247
DC Input Multi-Channel Half-Pitch
Phototransistor Optocoupler
Data Sheet
Description
The ACPL-227 is a DC-input dual channel half-pitch
phototransistor optocoupler which contains two light
emitting diodes optically coupled to two separate photo-
transistors. It is packaged in an 8-pin SO package.
Likewise, the ACPL-247 is a DC-input quad channel half-
pitch phototransistor optocoupler which contains four
light emitting diodes optically coupled to four separate
phototransistors. It is packaged in a 16-pin SO package.
For both devices, the input-output isolation voltage is
rated at 3,000 Vrms. Response time, tr, is 2μs typically,
while minimum CTR is 50% at input current of 5 mA.
Features
x Current transfer ratio (CTR: 50% (min) at IF = 5mA,VCE = 5V)
x High input-output isolation voltage (VISO = 3,000VRMS)
x Non-saturated Response time (tr: 2μs (typ) at VCC =
10V, IC = 2mA, RL= 100
:)
x SO package
x CMR 10kV/μs (typical)
x Safety and regulatory approvals
-
cUL
-
IEC/EN/DIN EN 60747-5-2
x Options available:
– CTR Ranks 0, B & C for ACPL-227 and Rank 0 only for
ACPL-247
Applications
x I/O Interface for Programmable controllers, computers.
x Sequence controllers
x System appliances, measuring instruments
x Signal transmission between circuits of different
potentials and impedances.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
ACPL-227 pin layout ACPL-247 pin layout



















Pin 1, 3
Anode
Pin 2, 4
Cathode
Pin 5, 7
Emitter
Pin 6, 8
Collector
Pin 1, 3, 5, 7
Anode
Pin 2, 4, 6, 8
Cathode
Pin 9,11,13,15
Emitter
Pin 10,12,14,16
Collector


Similar Part No. - ACPL-247

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247 AVAGO-ACPL-247 Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-247 BOARDCOM-ACPL-247 Datasheet
966Kb / 11P
   DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-247

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-227 BOARDCOM-ACPL-227 Datasheet
966Kb / 11P
   DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-227-56CE AVAGO-ACPL-227-56CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
   AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-224 AVAGO-ACPL-224 Datasheet
441Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com