Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52-B5V1FN2-AU_F0_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZT52-B5V1FN2-AU_F0_10001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-B5V1FN2-AU_F0_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 5Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_F0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
RATING AND CHARACTERISTIC CURVES
June 28,2011-REV.00
ac
Fig.4 Typical Zener Chara
Fig.4 Typical Zener Characteristics
BZT52-B5V1FN2-AU SERIES
0.1
1
10
100
1000
0.4
0.6
0.8
1
1.2
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
5.6V
10
100
0.1
1
10
VR, Reverse Bias Voltage (V)
5.1V
5.6V
0
20
40
60
80
100
02
46
VR, Reverse Voltage (V)
TJ = 25°C
5.1V
5.6V
Fig.3 Typical Leakage Characteristics
Fig.2 Typical Junction Capacitance
Fig.4 Typical Forward Characteristics
0
50
100
150
200
250
300
0
25
50
75
100
125
150
TA , Ambient Temperature (°C)
Fig.1 Steady-State Power Derating Curve
Fig.5 Typical Forward Characteristics
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
5.1V
0
10
20
30
40
50
60
0.00
2.00
4.00
6.00
8.00
VZ, Zener Voltage (V)
TJ = 25°C
5.1V
5.6V
Fig.6 Typical Zener Characteristics


Similar Part No. - BZT52-B5V1FN2-AU_F0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
96Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
75Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nexperia B.V. All right...
BZT52-B5V1 NEXPERIA-BZT52-B5V1 Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
BZT52-B5V1-Q NEXPERIA-BZT52-B5V1-Q Datasheet
314Kb / 12P
   Voltage regulator diodes
Rev. 1 - 29 March 2023
logo
Pan Jit International I...
BZT52-B5V1S PANJIT-BZT52-B5V1S Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-B5V1FN2-AU_F0_10001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com