Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2115TZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2115TZ
Description  Fiber Optic Transmitter and Receiver Data Links for 125 MBd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2115TZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2115TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2115TZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Notes:
1. This is the maximum voltage that can be applied across the
Differential Transmitter Data Inputs to prevent damage to the input
ESD protection circuit.
2. The outputs are terminated with 50 W connected to VCC - 2 V.
3. The specified signaling rate of 10 MBd to 125 MBd guarantees
operation of the transmitter and receiver link to the full conditions
listed in the FDDI Physical Layer Medium Dependent standard.
Specifically, the link bit-error-ratio will be equal to or better than
2.5 x 10-10 for any valid FDDI pattern. The transmitter section
of the link is capable of DC to 125 MBd. The receiver is internally
AC-coupled which limits the lower signaling rate to 10 MBd. For
purposes of definition, the symbol rate (Baud), also called signaling
rate, fs, is the reciprocal of the symbol time. Data rate (bits/sec) is
the symbol rate divided by the encoding factor used to encode the
data (symbols/bit).
4. The power supply current needed to operate the transmitter is
provided to differential ECL circuitry. This circuitry maintains a nearly
constant current flow from the power supply. Constant current
operation helps to prevent unwanted electrical noise from being
generated and conducted or emitted to neighboring circuitry.
5. This value is measured with an output load RL = 10 kW.
6. This value is measured with the outputs terminated into 50 W
connected to VCC - 2 V and an Input Optical Power level of -14 dBm
average.
7. The power dissipation value is the power dissipated in the
transmitter and receiver itself. Power dissipation is calculated as the
sum of the products of supply voltage and currents, minus the sum
of the products of the output voltages and currents.
8. This value is measured with respect to VCC with the output
terminated into 50 W connected to VCC - 2 V.
9. The output rise and fall times are measured between 20% and 80%
levels with the output connected to VCC - 2 V through 50 W.
10. Duty Cycle Distortion contributed by the receiver is measured at
the 50% threshold using an IDLE Line State, 125 MBd (62.5 MHz
square-wave), input signal. The input optical power level is -20 dBm
average. See Application Information–Data Link Jitter Section for
further information.
11. Data Dependent Jitter contributed by the receiver is specified with
the FDDI DDJ test pattern described in the FDDI PMD Annex A.5.
The input optical power level is -20 dBm average. See Application
Information – Data Link Jitter Section for further information.
12. Random Jitter contributed by the receiver is specified with an
IDLE Line State, 125 MBd (62.5 MHz square-wave), input signal.
The input optical power level is at the maximum of “PIN Min. (W).”
See Application Information – Data Link Jitter Section for further
information.
13. These optical power values are measured with the following
conditions:
• The Beginning of Life (BOL) to the Endof Life (EOL) optical power
degradation is typically 1.5 dB per the industry convention for
long wavelength LEDs. The actual degradation observed in
Avago Technologie’s 1300 nm LED products is < 1dB, as specified
in this data sheet.
• Over the specified operating voltage and temperature ranges.
• With HALT Line State, (12.5 MHz square-wave), input signal.
• At the end of one meter of noted optical fiber with cladding
modes removed. The average power value can be converted to
a peak power value by adding 3 dB. Higher output optical power
transmitters are available on special request.
14. The Extinction Ratio is a measure of the modulation depth of the
optical signal. The data “0” output optical power is compared to the
data “1” peak output optical power and expressed as a percentage.
With the transmitter driven by a HALT Line State (12.5 MHz
squarewave) signal, the average optical power is measured. The data
“1” peak power is then calculated by adding 3 dB to the measured
average optical power. The data “0” output optical power is found
by measuring the optical power when the transmitter is driven by a
logic“0”input. The extinction ratio is the ratio of the optical power at
the“0”level compared to the optical power at the“1”level expressed
as a percentage or in decibels.
15. The transmitter provides compliance with the need for Transmit_
Disable commands from the FDDI SMT layer by providing an Output
Optical Power level of < -45 dBm average in response to a logic “0”
input. This specification applies to either 62.5/125 μm or 50/125 μm
fiber cables.
16. This parameter complies with the FDDI PMD requirements for the
tradeoffs between center wavelength, spectral width, and rise/fall
times shown in Figure 9.
17. This parameter complies with the optical pulse envelope from the
FDDI PMD shown in Figure 10. The optical rise and fall times are
measured from 10% to 90% when the transmitter is driven by the
FDDI HALT Line State (12.5 MHz square-wave) input signal.
18. Duty Cycle Distortion contributed by the transmitter is measured
at a 50% threshold using an IDLE Line State, 125 MBd (62.5 MHz
square-wave), input signal. See Application Information – Data Link
Jitter Performance Section of this data sheet for further details.
19. Data Dependent Jitter contributed by the transmitter is specified
with the FDDI test pattern described in FDDI PMD Annex A.5. See
Application Information – Data Link Jitter Performance Section of
this data sheet for further details.
20. Random Jitter contributed by the transmitter is specified with an
IDLE Line State, 125 MBd (62.5 MHz square-wave), input signal. See
Application Information – Data Link Jitter Performance Section of
this data sheet for further details.
21. This specification is intended to indicate the performance of the
receiver when Input Optical Power signal characteristics are present
per the following definitions. The Input Optical Power dynamic
range from the minimum level (with a window timewidth) to the
maximum level is the range over which the receiver is guaranteed to
provide output data with a Bit-Error-Ratio (BER) better than or equal
to 2.5 x 10-10.
• At the Beginning of Life (BOL).
• Over the specified operating voltage and temperature ranges.
• Input symbol pattern is the FDDI test pattern defined in FDDI
PMD Annex A.5 with 4B/5B NRZI encoded data that contains a
duty-cycle base-line wander effect of 50 kHz. This sequence
causes a near worst-case condition for intersymbol interference.
• Receiver data window time-width is 2.13 ns or greater and
centered at midsymbol. This worst-case window timewidth is
the minimum allowed eyeopening presented to the FDDI PHY
PM_Data indication input (PHY input) per the example in FDDI
PMD Annex E. This minimum window time-width of 2.13 ns is
based upon the worst-case FDDI PMD Active Input Interface
optical conditions for peak-to-peak DCD (1.0 ns), DDJ (1.2 ns) and
RJ (0.76 ns) presented to the receiver.
To test a receiver with the worst-case FDDI PMD Active Input jitter
condition requires exacting control over DCD, DDJ, and RJ jitter
components that is difficult to implement with production test
equipment. The receiver can be equivalently tested to the worst-
case FDDI PMD input jitter conditions and meet the minimum
output data window time-width of 2.13 ns. This is accomplished by
using a nearly ideal input optical signal (no DCD, insignificant DDJ
and RJ) and measuring for a wider window time-width of 4.6 ns.
This is possible due to the cumulative effect of jitter components
through their superposition (DCD and DDJ are directly additive
and RJ components are rms additive). Specifically, when a nearly
ideal input optical test signal is used and the maximum receiver
peak-topeak jitter contributions of DCD (0.4 ns), DDJ (1.0 ns), and
RJ (2.14 ns) exist, the minimum window time-width becomes
8.0 ns – 0.4 ns – 1.0 ns – 2.14 ns = 4.46 ns, or conservatively 4.6 ns.
This wider window time-width of 4.6 ns guarantees the FDDI PMD
Annex E minimum window time-width of 2.13 ns under worst-case
input jitter conditions to the Avago Technologies’ receiver.


Similar Part No. - HFBR-2115TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2115T HP-HFBR-2115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
More results

Similar Description - HFBR-2115TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
HFBR-1116TZ AVAGO-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1116T HP-HFBR-1116T Datasheet
282Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
HFBR-1119T HP-HFBR-1119T Datasheet
284Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com