Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857CW-AU_FU_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BC857CW-AU_FU_00001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC857CW-AU_FU_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BC857CW-AU_FU_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC857CW-AU_FU_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC857CW-AU_FU_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC857CW-AU_FU_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC857CW-AU_FU_00001 Datasheet HTML 5Page - Pan Jit International Inc. BC857CW-AU_FU_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
April 23,2013-REV.03
BC856BW-AU ~ BC857CW-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.026
(0.66)
0.026
(0.65)
0.026
(0.65)


Similar Part No. - BC857CW-AU_FU_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857CW-7 DIODES-BC857CW-7 Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Comchip Technology
BC857CW-G COMCHIP-BC857CW-G Datasheet
151Kb / 6P
   Small Signal Transistor
logo
Nexperia B.V. All right...
BC857CW-Q NEXPERIA-BC857CW-Q Datasheet
223Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
BC857CW-Q NEXPERIA-BC857CW-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results

Similar Description - BC857CW-AU_FU_00001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com