Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52-B5V1FN2-AU_T1_10001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BZT52-B5V1FN2-AU_T1_10001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZT52-B5V1FN2-AU_T1_10001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 1Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 2Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 3Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 4Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 5Page - Pan Jit International Inc. BZT52-B5V1FN2-AU_T1_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE . 4
MOUNTING PAD LAYOUT
• Packing information
T/R - 8K per 7” plastic Reel
ORDER INFORMATION
June 28,2011-REV.00
BZT52-B5V1FN2-AU SERIES
DFN 2L
0.010
(0.26)
0.043
(1.10)
0.017
(0.42)
0.027
(0.68)
Unit inch(mm)


Similar Part No. - BZT52-B5V1FN2-AU_T1_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
96Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-B5V1 PANJIT-BZT52-B5V1 Datasheet
75Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nexperia B.V. All right...
BZT52-B5V1 NEXPERIA-BZT52-B5V1 Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
BZT52-B5V1-Q NEXPERIA-BZT52-B5V1-Q Datasheet
314Kb / 12P
   Voltage regulator diodes
Rev. 1 - 29 March 2023
logo
Pan Jit International I...
BZT52-B5V1S PANJIT-BZT52-B5V1S Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-B5V1FN2-AU_T1_10001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com