Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT334R2S474M3DTA0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DMT334R2S474M3DTA0
Description  Electrical Double Layer Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMT334R2S474M3DTA0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button DMT334R2S474M3DTA0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Specification of Electrical Double Layer Capacitor
Murata Manufacturing Co., Ltd.
6
8. Performance
No
Item
Specification
Validation Method
1
Operating
Temperature
-30degC ~ +85degC
2
Storage
Temperature
-40degC ~ +85degC
3
Appearance
No external abnormality
Visual
4
Dimensions
Refer to section 5
Microscope, Vernier Caliper
5
Nominal
Capacitance
Satisfy the following value.
Code
Capacitance
474
470mF+/-20%
Discharge method
1. Charge capacitor for 30min at rated
peak voltage 4.2V.
2.Then discharge
V1: 80% of rated peak voltage
V2: 40% of rated peak voltage
T1: Time with voltage V1
T2: Time with voltage V2
Discharge current: 100mA
6
ESR
Code
Initial ESR @ 1kHz (m Ohm)
@25C
S
130 (max150)
<Impedance Method>
Measured at AC1kHz.
Current: 10mA - 200mA
7
Leakage current
Less than or equal to 5uA at 96hrs after
charging
Temperature: 25+/-2degC


Similar Part No. - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT3-138-6L COILCRAFT-DMT3-138-6L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-1439-1.5L COILCRAFT-DMT3-1439-1.5L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-257-4.9L COILCRAFT-DMT3-257-4.9L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-35-12L COILCRAFT-DMT3-35-12L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-402-3.7L COILCRAFT-DMT3-402-3.7L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
More results

Similar Description - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
JECXDE-0015 MURATA-JECXDE-0015 Datasheet
441Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVLSERIES ETC2-DVLSERIES Datasheet
177Kb / 2P
   Electrical Double Layer Capacitor
logo
Murata Manufacturing Co...
JECXDE-0016 MURATA-JECXDE-0016 Datasheet
334Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVS-SERIES ETC2-DVS-SERIES Datasheet
166Kb / 2P
   Electrical Double Layer Capacitor
logo
Kemet Corporation
FCS0V474ZFTBR24 KEMET-FCS0V474ZFTBR24 Datasheet
59Kb / 1P
   Capacitor, Double-Layer
logo
Nippon Precision Circui...
DDXE2R5LGN401KB65S NPC-DDXE2R5LGN401KB65S Datasheet
462Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITOR
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com