Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT334R2S474M3DTA0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DMT334R2S474M3DTA0
Description  Electrical Double Layer Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMT334R2S474M3DTA0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DMT334R2S474M3DTA0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Specification of Electrical Double Layer Capacitor
Murata Manufacturing Co., Ltd.
11
11.2 STORAGE CONDITIONS
11.2.1 Storage condition without opening outer package.
30degC 60%RH for 1 year (Before opening outer package)
This product cannot be baked.
11.2.2 Storage conditions after opening outer package.
(1)Term of warranty of this device is 3 months after opening sealed package.
(2)Storage environment
Please keep device under the following conditions in sealed package.
Temperature: 5-35 deg C and
Humidity: no more than 70%RH. No condensation.
Avoid any acidic or alkaline environment.
Avoid excessive external force on this device while in storage.
(3)Please keep device in sealed plastic package before use
(4)Please do not apply any heat treatment before use.
11.3. CAUTION BEFORE USAGE
(1)Rated voltage
This device must be used within rated voltage. In case over voltage, electrolyte leakage or
swelling may occur.
This device has two individual cells connected electrically in series. Please make sure that
voltage is less than 2.1V per cell for constant load.
(2)Balance control
When connecting 2 or more capacitors in series (This device itself consists of two individual
capacitors connected electrically in series.), please make sure to control voltage balance of
each capacitor for the following two purposes;
- To prevent overvoltage: Prevent excessive voltage from being applied to any capacitor
- To prevent shortening of the life time: By making capacitor voltage equal, variation in the
rate of degradation can be controlled. It allows long-term use of capacitors.
<Recommended balance condition>
Discharge Frequency
of capacitor
under 10 times
10-100times
100 times or more
2.0V and over
/cell
100k
or less
47k
or less
4.7k
or less
Under 2.0V/cell
100k
or less
100k
or less
10k
or less
Supposed condition: Temperature is always under 70degC. Within five years
If using capacitor always at over 70degC, please consult a Murata representative.


Similar Part No. - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT3-138-6L COILCRAFT-DMT3-138-6L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-1439-1.5L COILCRAFT-DMT3-1439-1.5L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-257-4.9L COILCRAFT-DMT3-257-4.9L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-35-12L COILCRAFT-DMT3-35-12L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-402-3.7L COILCRAFT-DMT3-402-3.7L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
More results

Similar Description - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
JECXDE-0015 MURATA-JECXDE-0015 Datasheet
441Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVLSERIES ETC2-DVLSERIES Datasheet
177Kb / 2P
   Electrical Double Layer Capacitor
logo
Murata Manufacturing Co...
JECXDE-0016 MURATA-JECXDE-0016 Datasheet
334Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVS-SERIES ETC2-DVS-SERIES Datasheet
166Kb / 2P
   Electrical Double Layer Capacitor
logo
Kemet Corporation
FCS0V474ZFTBR24 KEMET-FCS0V474ZFTBR24 Datasheet
59Kb / 1P
   Capacitor, Double-Layer
logo
Nippon Precision Circui...
DDXE2R5LGN401KB65S NPC-DDXE2R5LGN401KB65S Datasheet
462Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITOR
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com