Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT334R2S474M3DTA0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DMT334R2S474M3DTA0
Description  Electrical Double Layer Capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMT334R2S474M3DTA0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DMT334R2S474M3DTA0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DMT334R2S474M3DTA0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Specification of Electrical Double Layer Capacitor
Murata Manufacturing Co., Ltd.
2
1. Scope
These specifications are applicable for Electrical Double Layer Capacitor (EDLC) for consumer electronic
equipments. For other markets and applications please contact your local Murata sales or engineering
representative. This specification outlines detailed information for double cell EDLC for back up applications.
For use under different conditions within the scope of these specifications, please consult a Murata sales or
engineering representative.
2. Part Number Description
DMT
□□ □□□ □ □□□ □ □□ □ □□
(1)
(1)
(1)
(1)
(2)
(3)
(4)
(2)
(3)
(4)
(2)
(3)
(4)
(2)
(3)
(4)
(5)
(6)
(
(5)
(6)
(
(5)
(6)
(
(5)
(6)
(7)
(8)
7)
(8)
7)
(8)
7)
(8)
(9)
(9)
(9)
(9)
Number
Name
Code
ex.
Specification
(1)
Series
DMT
> Thin laminate & High reliability type
> Operating temperature:
-30deg C~85 deg C
> Storage temperature:
-40deg C~85 deg C
> Rated voltage: 4.2V
Use within the following periods of time at each operation temperature;
~60 degC,4.2V: 87,600hrs (10years)
~70 degC,4.2V: 43,800hrs (5years)
~85 degC,4.2V: 8,760hrs (1year)
(2)
Dimensions
33
T: Measured by 10mmΦplate with 0.9N.
Details shown in section 5.
Code
LW
T: Thickness(mm)
33
L:21.0+/-0.5mm
W:14.0+/-0.5mm
3.5 +0.3/-0.3
(3)
Rated
voltage
4R2
4.20V: Continuous loading voltage
(4)
ESR
S
Code
Initial ESR @ 1kHz (m ohm) @25degC
S
130 (max150) m
(5)
Nominal
Capacitance
474
Code
Capacitance
474
470mF(47×10
4 uF)
(6)
Cap
Tolerance
M
M:+/-20%(Standard)
(7)
Terminal type
3D
Au plating: 3D
Terminal pattern: Refer to mechanical drawing shown in section 5.
(8)
Packaging
T
T: Tray package
Details shown in section 7.
(9)
In-house
specification
A0
Murata management code


Similar Part No. - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT3-138-6L COILCRAFT-DMT3-138-6L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-1439-1.5L COILCRAFT-DMT3-1439-1.5L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-257-4.9L COILCRAFT-DMT3-257-4.9L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-35-12L COILCRAFT-DMT3-35-12L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
DMT3-402-3.7L COILCRAFT-DMT3-402-3.7L Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
More results

Similar Description - DMT334R2S474M3DTA0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
JECXDE-0015 MURATA-JECXDE-0015 Datasheet
441Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVLSERIES ETC2-DVLSERIES Datasheet
177Kb / 2P
   Electrical Double Layer Capacitor
logo
Murata Manufacturing Co...
JECXDE-0016 MURATA-JECXDE-0016 Datasheet
334Kb / 16P
   Electrical Double Layer Capacitor
logo
List of Unclassifed Man...
DVS-SERIES ETC2-DVS-SERIES Datasheet
166Kb / 2P
   Electrical Double Layer Capacitor
logo
Kemet Corporation
FCS0V474ZFTBR24 KEMET-FCS0V474ZFTBR24 Datasheet
59Kb / 1P
   Capacitor, Double-Layer
logo
Nippon Precision Circui...
DDXE2R5LGN401KB65S NPC-DDXE2R5LGN401KB65S Datasheet
462Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITOR
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com