Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858-AU_B0_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC858-AU_B0_10001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC858-AU_B0_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC858-AU_B0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC858-AU_B0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC858-AU_B0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC858-AU_B0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC858-AU_B0_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC858-AU_B0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
ELECTRICALCHARACTERISTICS
PARAMETER
Symbol
Test Condition
MIN.
TYP.
MAX.
Units
Collector - Emitter Breakdown Voltage
V(BR)CEO IC=-10mA, IB=0
-65
-45
-30
--
V
Collector - Base Breakdown Voltage
V(BR)CBO IC=-10μA, IE=0
-80
-50
-30
--
V
Emitter - Base Breakdown Voltage
V(BR)EBO IE=-1.0μA, IC=0
-5.0
-
-
V
Emitter-Base Cutoff Current
IEBO
VEB=-5V
-
-
-100
nA
Collector-Base Cutoff Current
ICBO
VCB=-30V, IE=0
VCB=-30V, IE=0,TJ=150OC
--
-15
-4.0
nA
μA
DC Current Gain
h
FE
IC=-10μA, VCE=-5V
-
90
150
270
--
DC Current Gain
h
FE
IC=-2.0mA, VCE=-5V
110
420
180
290
520
220
800
-
Collector - Emitter Saturation Voltage
VCE(SAT)
IC=-10mA, IB=-0.5mA
IC=-100mA, IB=-5.0mA
--
-0.3
-0.65
V
Base - Emitter Saturation Voltage
VBE(SAT)
IC=-10mA, IB=-0.5mA
IC=-100mA, IB=-5.0mA
-
-0.7
-0.9
-V
Base - Emitter On Voltage
VBE(ON)
IC=-2mA, VCE=-5.0V
IC=-10mA, VCE=-5.0V
-0.60
-
-
-
-0.75
-0.82
V
Collector - Base Capacitance
CCB
VCB=-10V, IE=0, f=1MH
-
-
4.5
pF
Current-Gain-Bandwidth Product
FT
IC=-10mA, VCE=-5.0V,f=100MHz
-
200
-
MHz
220
475
April 23,2012-REV.03
BC856-AU,BC857-AU,BC858-AU,BC859-AU SERIES
BC856A-AU/B-AU
BC857A-AU/B-AU/C-AU
BC858A-AU/B-AU/C-AU,BC859B-AU/C-AU
BC856A-AU/B-AU
BC857A-AU/B-AU/C-AU
BC858A-AU/B-AU/C-AU,BC859B-AU/C-AU
BC856A-AU,BC857A-AU,BC858A-AU
BC856B-AU,BC857B-AU,BC858B-AU,BC859B-AU
BC857C-AU,BC858C-AU,BC859C-AU
BC856A-AU,BC857A-AU,BC858A-AU
BC856B-AU,BC857B-AU,BC858B-AU,BC859B-AU
BC857C-AU,BC858C-AU,BC859C-AU


Similar Part No. - BC858-AU_B0_10001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC858-A-AE3-R UTC-BC858-A-AE3-R Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC858-AU_B0_10001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com