Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2924 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2924
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2924 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2924 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-2924 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Control Word 1
Loading the Control Register with D7 = logic high selects 
Control Word  1. This  Control Word  performs  two  func-
tions:  serial/simultaneous  data  out  mode  and  external 
oscillator prescale select (see Table 2).
Serial/Simultaneous Data Output D0
Bit D0 of control word 1 is used to switch the mode of 
DOUT between serial and simultaneous data entry during 
Control Register writes. The default mode (logic low) is 
the serial DOUT mode. In serial mode, DOUT is connected 
to the last bit (D7) of the Control Shift Register.
Storing a logic high to bit D0 changes DOUT to simulta-
neous mode which affects the Control Register only. In 
simultaneous mode, DOUT is logically connected to DIN. 
This arrangement allows multiple ICs to have their Control 
Registers written to simultaneously. For example, for N 
ICs in the serial mode, N * 8 clock pulses are needed to 
load the same data in all Control Registers. In the simul-
taneous  mode,  N  ICs  only  need  8  clock  pulses  to  load 
the same data in all Control Registers. The propagation 
delay from the first IC to the last is N * tDOUTP.
External Oscillator Prescaler Bit D1
Bit D1 of Control Word 1 is used to scale the frequency 
of  an  external  Display  Oscillator. When  this  bit  is  logic 
low, the external Display Oscillator directly sets the inter-
nal display clock rate. When this bit is a logic high, the 
external oscillator is divided by 8. This scaled frequency 
then  sets  the  internal  display  clock  rate.  It  takes  512 
cycles of the display clock (or 8 x 512 = 4096 cycles of 
an external clock with the divide by 8 prescaler) to com-
pletely refresh the display once. Using the prescaler bit 
allows  the  designer  to  use  a  higher  external  oscillator 
frequency without extra circuitry.
This bit has no affect on the internal Display Oscillator 
Frequency.
Bits D2-D6
These bits must always be programmed to logic low.
Cascaded ICs
Figure  3  shows  how  two  ICs  are  connected  within  an 
HCMS-29XX display. The first IC controls the four left-most 
characters and the second IC controls the four right-most 
characters. The Dot Registers are connected in series to 
form a 320-bit dot shift register. The location of pixel 0 
has not changed. However, Dot Shift Register bit 0 of IC2 
becomes bit 160 of the 320-bit dot shift register.
The  Control  Registers  of  the  two  ICs  are  independent 
of  each  other.  This  means  that  to  adjust  the  display 
brightness  the  same  control  word  must  be  entered 
into  both  ICs,  unless  the  Control  Registers  are  set  to 
simultaneous mode.
Longer character string systems can be built by cascad-
ing multiple displays together. This is accomplished by 
creating  a  five  line  bus. This  bus  consists  of  CE,  RS,  BL, 
Reset,  and  CLK. The  display  pins  are  connected  to  the 
corresponding bus line. Thus, all CE pins are connected to 
the CE bus line. Similarly, bus lines for RS, BL, Reset, and 
CLK are created. Then DIN is connected to the right-most 
display. DOUT from this display is connected to the next 
display. The  left-most  display  receives  its  DIN  from  the 
DOUT of the display to its right. DOUT from the left-most 
display is not used.
Each display may be set to use its internal oscillator, or 
the  displays  may  be  synchronized  by  setting  up  one 
display as the master and the others as slaves. The slaves 
are set to receive their oscillator input from the master’s 
oscillator output.


Similar Part No. - HCMS-2924

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2924 HP-HCMS-2924 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2924 AVAGO-HCMS-2924 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2924 HP-HCMS-2924 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2924 BOARDCOM-HCMS-2924 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2924

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com